Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5205-3.0BM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5205-3.0BM5
Description  150mA Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5205-3.0BM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5205-3.0BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-3.0BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel
MIC5205
February 2006
2
M9999-020806
(408) 955-1690
Ordering Information
Part Number
Marking
Standard
Pb-Free
Standard
Pb-Free(1)
Accuracy
Voltage
Temperature
Package
MIC5205BM5
MIC5205YM5
LBAA
KBAA
1%
Adj
–40°C to +125°C
SOT-23-5
MIC5205-2.5BM5
MIC5205-2.5YM5
LB25
KB25
1%
2.5V
–40°C to +125°C
SOT-23-5
MIC5205-2.7BM5
MIC5205-2.7YM5
LB27
KB27
1%
2.7V
–40°C to +125°C
SOT-23-5
MIC5205-2.8BM5
MIC5205-2.8YM5
LB28
KB28
1%
2.8V
–40°C to +125°C
SOT-23-5
MIC5205-2.85BM5
MIC5205-2.85YM5
LB2J
KB2J
1%
2.85V
–40°C to +125°C
SOT-23-5
MIC5205-2.9BM5
MIC5205-2.9YM5
LB29
KB29
1%
2.9V
–40°C to +125°C
SOT-23-5
MIC5205-3.0BM5
MIC5205-3.0YM5
LB30
KB30
1%
3.0V
–40°C to +125°C
SOT-23-5
MIC5205-3.1BM5
MIC5205-3.1YM5
LB31
KB31
1%
3.1V
–40°C to +125°C
SOT-23-5
MIC5205-3.2BM5
MIC5205-3.2YM5
LB32
KB32
1%
3.2V
–40°C to +125°C
SOT-23-5
MIC5205-3.3BM5
MIC5205-3.3YM5
LB33
KB33
1%
3.3V
–40°C to +125°C
SOT-23-5
MIC5205-3.6BM5
MIC5205-3.6YM5
LB36
KB36
1%
3.6V
–40°C to +125°C
SOT-23-5
MIC5205-3.8BM5
MIC5205-3.8YM5
LB38
KB38
1%
3.8V
–40°C to +125°C
SOT-23-5
MIC5205-4.0BM5
MIC5205-4.0YM5
LB40
KB40
1%
4.0V
–40°C to +125°C
SOT-23-5
MIC5205-5.0BM5
MIC5205-5.0YM5
LB50
KB50
1%
5.0V
–40°C to +125°C
SOT-23-5
Note:
1. Underbar (_) symbol may not be to scale.
Pin Configuration
MIC5205-x.xBM5/YM5
MIC5205BM5/YM5
Fixed Voltages
Adjustable Voltages
Pin Description
MIC5205-x.x
(fixed)
MIC5205
(adjustable)
Pin Name
Pin Function
1
1
IN
Supply Input
2
2
GND
Ground
3
3
EN
Enable/Shudown (Input): CMOS compatible input. Logic high = enable, logic low
or open = shutdown
4
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce output
noise. May be left open.
4
ADJ
Adjust (Input): Adjustable regulator feedback input. Connect to resistor voltage
divider.
5
5
OUT
Regulator Ouput


Similar Part No. - MIC5205-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-3.0BM5 MICREL-MIC5205-3.0BM5 Datasheet
99Kb / 12P
   150mA Low-Noise LDO Regulator
MIC5205-3.0BM5 MICREL-MIC5205-3.0BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.0BM5 MICREL-MIC5205-3.0BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.0BM5 MICREL-MIC5205-3.0BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com