Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5209-3.0BM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5209-3.0BM
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.0BM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5209-3.0BM Datasheet HTML 1Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.0BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
June 2006
5
M9999-060906
MIC5209
Micrel, Inc.
ENABLE Input
VENL
Enable Input Logic-Low Voltage
V
ENL
ENL
EN = logic low (regulator shutdown)
0.4
V
0.18
V
VEN = logic high (regulator enabled)
2.0
V
IENL
Enable Input Current
V
ENL
ENL
ENL ≤ 0.4V
0.01
–1
µA
ENL
ENL
VENL ≤ 0.18V
ENL
ENL
0.01
–2
µA
IENH
VENH = 2.0V
5
20
µA
25
µA
VENH = 16V
30
µA
50
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation at any TA
3. The maximum allowable power dissipation at any T
3. The maximum allowable power dissipation at any T (ambient temperature) is calculated using: P
A
A
D(max) = (TJ(max) – TA
(max) – T
(max) – T ) ÷ θJA. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. See Table 1 and the
“Thermal Considerations” section for details.
“Thermal Considerations”
“Thermal Considerations”
4. Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range
from 100µA to 500mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
6. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differen-
tial.
7. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
8. VEN is the voltage externally applied to devices with the EN (enable) input pin. [SO-8 (M) and TO-263-5 (U) packages only.]
9. Thermal regulation is the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line regulation ef-
fects. Specifications are for a 500mA load pulse at VIN = 16V for t = 10ms.
10. CBYP is an optional, external bypass capacitor connected to devices with a BYP (bypass) or ADJ (adjust) pin. [SO-8 (M) and TO-263-5 (U) packages
only].
Enable Input Logic-Low Voltage
V
V
Enable Input Current
V
V
V
25
V
Enable Input Logic-Low Voltage
V
V
Enable Input Current
V
V
V
25
V
= logic low (regulator shutdown)
0.4
V
= logic high (regulator enabled)
2.0
V
≤ 0.4V
0.01
–1
µA
≤ 0.18V
= 2.0V
5
20
µA
25
= 16V
30
µA
= logic low (regulator shutdown)
0.4
V
= logic high (regulator enabled)
2.0
V
≤ 0.4V
0.01
–1
µA
= 2.0V
5
20
µA
25
= 16V
30
µA
= logic low (regulator shutdown)
0.4
V
= logic high (regulator enabled)
2.0
V
≤ 0.4V
0.01
–1
µA
= 2.0V
5
20
µA
25
= 16V
30
µA
= logic low (regulator shutdown)
0.4
V
= logic high (regulator enabled)
2.0
V
≤ 0.4V
0.01
–1
µA
= 2.0V
5
20
µA
= 16V
30
µA
µA


Similar Part No. - MIC5209-3.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.0BM MICREL-MIC5209-3.0BM Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
MIC5209-3.0BM MICREL-MIC5209-3.0BM Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.0BM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com