Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2996MRX-NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2996MRX-NOPB
Description  Source and Sink Current, Low Output Voltage Offset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MRX-NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP2996MRX-NOPB Datasheet HTML 1Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 2Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 3Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 4Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 5Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 6Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 7Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 8Page - Texas Instruments LP2996MRX-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
GND
VDDQ
VREF
VSENSE
10
11
GND
N/C
12
9
8
7
6
5
4
3
2
1
13
14
15
16
VTT
N/C
VTT
N/C
VDDQ
PVIN
AVIN
1
2
3
4
8
7
6
5
VSENSE
VREF
SD
GND
VTT
LP2996-N
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. SOIC-8 Layout
Figure 1. WQFN-16 Layout (Top View)
Figure 3. SO PowerPAD-8 Layout
PIN DESCRIPTIONS
SOIC-8 Pin
or SO
WQFN Pin
Name
Function
PowerPAD-8
Pin
1
2
GND
Ground
2
4
SD
Shutdown
3
5
VSENSE
Feedback pin for regulating VTT.
4
7
VREF
Buffered internal reference voltage of VDDQ/2
5
8
VDDQ
Input for internal reference equal to VDDQ/2
6
10
AVIN
Analog input pin
7
11, 12
PVIN
Power input pin
8
14, 15
VTT
Output voltage for connection to termination resistors
-
1, 3, 6, 9, 13, 16
NC
No internal connection
EP
EP
Exposed pad thermal connection. Connect to Ground.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
AVIN to GND
−0.3V to +6V
PVIN to GND
-0.3V to AVIN
VDDQ(3)
−0.3V to +6V
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
SOIC-8 Thermal Resistance (
θJA)
151°C/W
SO PowerPAD-8 Thermal Resistance (
θJA)
43°C/W
WQFN-16 Thermal Resistance (
θJA)
51°C/W
Lead Temperature (Soldering, 10 sec)
260°C
ESD Rating(4)
1kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating range indicates conditions for which
the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions
see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
VDDQ voltage must be less than 2 x (AVIN - 1) or 6V, whichever is smaller.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP2996-N


Similar Part No. - LP2996MRX-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2996MRX NSC-LP2996MRX Datasheet
450Kb / 18P
   DDR Termination Regulator
logo
Texas Instruments
LP2996MRX TI1-LP2996MRX Datasheet
330Kb / 21P
[Old version datasheet]   DDR Termination Regulator
LP2996MRX TI-LP2996MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
LP2996MRX TI-LP2996MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2996-N DDR Termination Regulator
LP2996MRX TI1-LP2996MRX Datasheet
1Mb / 28P
[Old version datasheet]   DDR Termination Regulator
More results

Similar Description - LP2996MRX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF200 TI1-REF200 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Source and Current Sink
logo
Diodes Incorporated
ZXCT1020 DIODES-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
logo
Zetex Semiconductors
ZXCT1020 ZETEX-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
[Old version datasheet]   REF200 Dual Current Source and Current Sink
logo
Semtech Corporation
SC1118 SEMTECH-SC1118 Datasheet
192Kb / 6P
   1A (Sink & Source) Low Dropout, Low Quiescent Current Voltage Regulator
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
logo
Analog Devices
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com