Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6S28AHE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SM6S28AHE3
Description  Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6S28AHE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SM6S28AHE3 Datasheet HTML 1Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 2Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 3Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 4Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM6S10 thru SM6S36A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
1
Document Number: 88384
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount PAR® Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Junction passivation optimized design passivated
anisotropic rectifier technology
•TJ = 175 °C capability suitable for high reliability
and automotive requirement
• Available in uni-directional polarity only
• Low leakage current
• Low forward voltage drop
• High surge capability
• Meets ISO7637-2 surge specification (varied by test
condition)
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting,
especially for automotive load dump protection application.
MECHANICAL DATA
Case: DO-218AB
Molding compound meets UL 94 V-0 flammability rating
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
Note
(1) Non-repetitive current pulse at TA = 25 °C
PRIMARY CHARACTERISTICS
VWM
10 V to 36 V
PPPM (10 x 1000 μs)
4600 W
PPPM (10 x 10 000 μs)
3600 W
PD
6 W
IFSM
600 A
TJ max.
175 °C
DO-218AB
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation
with 10/1000 μs waveform
PPPM
4600
W
with 10/10 000 μs waveform
3600
Power dissipation on infinite heatsink at TC = 25 °C (fig. 1)
PD
6.0
W
Peak pulse current with 10/1000 μs waveform
IPPM (1)
See next table
A
Peak forward surge current 8.3 ms single half sine-wave
IFSM
600
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SM6S28AHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6S28A VISHAY-SM6S28A Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S28A VISHAY-SM6S28A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM6S28A VISHAY-SM6S28A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
SUNMATE electronic Co.,...
SM6S28A SUNMATE-SM6S28A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SM6S28A LEIDITECH-SM6S28A Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
More results

Similar Description - SM6S28AHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com