Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9279-BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9279-BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9279-BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9279-BBCZ Datasheet HTML 5Page - Analog Devices AD9279-BBCZ Datasheet HTML 6Page - Analog Devices AD9279-BBCZ Datasheet HTML 7Page - Analog Devices AD9279-BBCZ Datasheet HTML 8Page - Analog Devices AD9279-BBCZ Datasheet HTML 9Page - Analog Devices AD9279-BBCZ Datasheet HTML 10Page - Analog Devices AD9279-BBCZ Datasheet HTML 11Page - Analog Devices AD9279-BBCZ Datasheet HTML 12Page - Analog Devices AD9279-BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AD9279
Rev. 0 | Page 9 of 44
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD1 to GND
−0.3 V to +2.0 V
AVDD2 to GND
−0.3 V to +3.9 V
DRVDD to GND
−0.3 V to +2.0 V
GND to GND
−0.3 V to +0.3 V
AVDD2 to AVDD1
−2.0 V to +3.9 V
AVDD1 to DRVDD
−2.0 V to +2.0 V
AVDD2 to DRVDD
−2.0 V to +3.9 V
Digital Outputs (DOUTx+, DOUTx−,
DCO+, DCO−, FCO+, FCO−) to GND
−0.3 V to
DRVDD + 0.3 V
CLK+, CLK−, SDIO to GND
−0.3 V to
AVDD1 + 0.3 V
LI-x, LO-x, LOSW-x to GND
−0.3 V to
AVDD2 + 0.3 V
CWI−, CWI+, CWQ−, CWQ+ to GND
−0.3 V to
AVDD2 + 0.3 V
PDWN, STBY, SCLK, CSB to GND
−0.3 V to
AVDD1 + 0.3 V
GAIN+, GAIN−, RESET, 4LO+, 4LO−,
GPO0, GPO1, GPO2, GPO3 to GND
−0.3 V to
AVDD2 + 0.3 V
VREF to GND
−0.3 V to
AVDD1 + 0.3 V
Operating Temperature Range (Ambient)
−40°C to +85°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 5.
Symbol
Description
Value1
Units
θ
JA
Junction-to-ambient thermal
resistance, 0.0 m/s air flow per
JEDEC JESD51-2 (still air)
22.0
°C/W
Ψ
JB
Junction-to-board thermal
characterization parameter, 0 m/s
air flow per JEDEC JESD51-8 (still air)
9.2
°C/W
Ψ
JT
Junction-to-top-of-package
characterization parameter, 0 m/s
air flow per JEDEC JESD51-2 (still air)
0.12
°C/W
1 Results are from simulations. PCB is JEDEC multilayer. Thermal performance
for actual applications requires careful inspection of the conditions in the
application to determine if they are similar to those assumed in these
calculations.
ESD CAUTION


Similar Part No. - AD9279-BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9279-BBCZ AD-AD9279-BBCZ Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results

Similar Description - AD9279-BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com