Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF282Z Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF282Z
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF282Z Datasheet(HTML) 4 Page - Motorola, Inc

  MRF282Z Datasheet HTML 1Page - Motorola, Inc MRF282Z Datasheet HTML 2Page - Motorola, Inc MRF282Z Datasheet HTML 3Page - Motorola, Inc MRF282Z Datasheet HTML 4Page - Motorola, Inc MRF282Z Datasheet HTML 5Page - Motorola, Inc MRF282Z Datasheet HTML 6Page - Motorola, Inc MRF282Z Datasheet HTML 7Page - Motorola, Inc MRF282Z Datasheet HTML 8Page - Motorola, Inc MRF282Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MRF282S MRF282Z
4
MOTOROLA RF DEVICE DATA
RF
INPUT
Z10
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z9
VGG
(BIAS)
VDD
C1
C6
C2
C3
L4
L1
C9
R1
B1
C4
R2
B2
C7
R3
B3
C17
C15
Z8
C12
DUT
+
C5
C8
L2
L3
L5
Z11
C16
R6
B6
C13
R5
B4
C10
R4
B5
+
C11
C14
+
+
Figure 2. Schematic of 1.81 – 1.88 GHz Broadband Test Circuit
B1, B2, B3,
Ferrite Bead, Fair Rite, (2743021446)
B4, B5, B6
C1, C16
470
µF, 63 V, Electrolytic Capacitor, Mallory
C2, C9, C12
0.6–4.5 pF, Variable Capacitor, Johanson Gigatrim
C3
0.8–4.5 pF, Variable Capacitor, Johanson Gigatrim
C4, C13
0.1
µF, Chip Capacitor
C5, C14
100 pF, B Case Chip Capacitor, ATC
C6, C8, C11, C15
12 pF, B Case Chip Capacitor, ATC
C7, C10
1000 pF, B Case Chip Capacitor, ATC
C17
0.1 pF, B Case Chip Capacitor, ATC
L1
3 Turns, 27 AWG, 0.087
″ OD, 0.050″ ID,
0.053
″ Long, 6.0 nH
L2
5 Turns, 27 AWG, 0.087
″ OD, 0.050″ ID,
0.091
″ Long, 15 nH
L3, L4
9 Turns, 26 AWG, 0.080
″ OD, 0.046″ ID,
0.170
″ Long, 30.8 nH
L5
4 Turns, 27 AWG, 0.087
″ OD, 0.050″ ID,
0.078
″ Long, 10 nH
R1, R2, R3,
12
Ω, 1/8 W Fixed Film Chip Resistor,
R4, R5, R6
0.08
″ x 0.13″
W1, W2
Berrylium Copper, 0.010
″ x 0.110″ x 0.210″
Z1
0.122
″ x 0.08″ Microstrip
Z2
0.650
″ x 0.08″ Microstrip
Z3
0.160
″ x 0.08″ Microstrip
Z4
0.030
″ x 0.08″ Microstrip
Z5
0.045
″ x 0.08″ Microstrip
Z6
0.291
″ x 0.08″ Microstrip
Z7
0.483
″ x 0.330″ Microstrip
Z8
0.414
″ x 0.330″ Microstrip
Z9
0.392
″ x 0.08″ Microstrip
Z10
0.070
″ x 0.08″ Microstrip
Z11
1.110
″ x 0.08″ Microstrip
Board
1 = 0.03 Glass Teflon®, Arlon GX–0300–55–22,
2 oz Copper, 3 x 5
″ Dimenson, 0.030″, εr = 2.55
DC
SUPPLY
RF
OUTPUT


Similar Part No. - MRF282Z

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF282ZR1 FREESCALE-MRF282ZR1 Datasheet
299Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - MRF282Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Motorola, Inc
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF21010 MOTOROLA-MRF21010 Datasheet
542Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com