Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF2947 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF2947
Description  LOW NOISE TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF2947 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF2947 Datasheet HTML 1Page - Motorola, Inc MRF2947 Datasheet HTML 2Page - Motorola, Inc MRF2947 Datasheet HTML 3Page - Motorola, Inc MRF2947 Datasheet HTML 4Page - Motorola, Inc MRF2947 Datasheet HTML 5Page - Motorola, Inc MRF2947 Datasheet HTML 6Page - Motorola, Inc MRF2947 Datasheet HTML 7Page - Motorola, Inc MRF2947 Datasheet HTML 8Page - Motorola, Inc MRF2947 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MRF2947AT1,T2 MRF2947RAT1,T2
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
Low Noise Transistors
Motorola’s MRF2947 device contains two high performance, low–noise NPN
silicon bipolar transistors. This device has two 941 die housed in the high
performance six leaded SC–70ML package; yielding a 9 GHz current
gain–bandwidth product.
The RF performance at levels of 1 volt and 1 mA makes the MRF2947 well
suited for low–voltage, low–current, front–end applications such as paging,
cellular, GSM, DECT, CT2 and other portable wireless systems. The MRF2947
is fully ion–implanted with gold metallization and nitride passivation for
maximum device reliability, performance and uniformity.
• Low Noise Figure, NF = 1.5 dB (Typ) @ 1 GHz @ 5 mA
• High Current Gain–Bandwidth Product, ft = 9 GHz (Typ) @ 6 Volts, 15 mA
• Maximum Stable Gain, 18 dB @ 1 GHz @ 5 mA
• Output Third Order Intercept, OIP3 = +27 dBm
• Available in Tape and Reel Packaging Options:
T1 Suffix = 3,000 Units per 8 mm, 7 inch Reel
T2 Suffix = 3,000 Units per 8 mm, 7 inch Reel (reverse device
orientation in tape)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
10
Vdc
Collector–Base Voltage
VCBO
20
Vdc
Emitter–Base Voltage
VEBO
1.5
Vdc
Power Dissipation (1) TC = 75°C
Derate linearly above TC = 75°C @
PDmax
0.188
2.5
Watts
mW/
°C
Collector Current — Continuous (2)
IC
50
mA
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature
Tstg
– 55 to +150
°C
Thermal Resistance, Junction to Case
R
θJC
400
°C/W
DEVICE MARKINGS
MRF2947AT1,T2 = WU
MRF2947RAT1,T2 = XR
(1) To calculate the junction temperature use TJ = PD x R
θJC + TC. The case temperature is measured on collector lead adjacent to the package
body.
(2) IC — Continuous (MTBF > 10 years).
Order this document
by MRF2947/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF2947AT1,T2
MRF2947RAT1,T2
ICmax = 50 mA
LOW NOISE
TRANSISTORS
CASE 419B–01, STYLES 16 & 17
SC–70ML/SOT–363
© Motorola, Inc. 1997
B1
C1
E1
B2
E2
C2
STYLE 16
B1
C1
E2
B2
E1
C2
STYLE 17
MRF2947AT1,T2
MRF2947RAT1,T2


Similar Part No. - MRF2947

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF2 BEL-MRF2 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
MRF2 BEL-MRF2 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
MRF2.5 BEL-MRF2.5 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
MRF200 BEL-MRF200 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
MRF200 BEL-MRF200 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results

Similar Description - MRF2947

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com