Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Data Sheet
ADAU1961
Rev. A | Page 9 of 76
DIGITAL TIMING SPECIFICATIONS
−40°C < TA < +105°C, IOVDD = 3.3 V ± 10%.
Table 6. Digital Timing
Parameter
Limit
Unit
Description
tMIN
tMAX
MASTER CLOCK
tMP
74
488
ns
MCLK period, 256 × fS mode.
tMP
37
244
ns
MCLK period, 512 × fS mode.
tMP
24.7
162.7
ns
MCLK period, 768 × fS mode.
tMP
18.5
122
ns
MCLK period, 1024 × fS mode.
SERIAL PORT
tBIL
5
ns
BCLK pulse width low.
tBIH
5
ns
BCLK pulse width high.
tLIS
5
ns
LRCLK setup. Time to BCLK rising.
tLIH
5
ns
LRCLK hold. Time from BCLK rising.
tSIS
5
ns
DAC_SDATA setup. Time to BCLK rising.
tSIH
5
ns
DAC_SDATA hold. Time from BCLK rising.
tSODM
50
ns
ADC_SDATA delay. Time from BCLK falling in master mode.
SPI PORT
fCCLK
10
MHz
CCLK frequency.
tCCPL
10
ns
CCLK pulse width low.
tCCPH
10
ns
CCLK pulse width high.
tCLS
5
ns
CLATCH setup. Time to CCLK rising.
tCLH
10
ns
CLATCH hold. Time from CCLK rising.
tCLPH
10
ns
CLATCH pulse width high.
tCDS
5
ns
CDATA setup. Time to CCLK rising.
tCDH
5
ns
CDATA hold. Time from CCLK rising.
tCOD
50
ns
COUT three-stated. Time from CLATCH rising.
I2C PORT
fSCL
400
kHz
SCL frequency.
tSCLH
0.6
µs
SCL high.
tSCLL
1.3
µs
SCL low.
tSCS
0.6
µs
Setup time; relevant for repeated start condition.
tSCH
0.6
µs
Hold time. After this period, the first clock is generated.
tDS
100
ns
Data setup time.
tSCR
300
ns
SCL rise time.
tSCF
300
ns
SCL fall time.
tSDR
300
ns
SDA rise time.
tSDF
300
ns
SDA fall time.
tBFT
0.6
µs
Bus-free time. Time between stop and start.
DIGITAL MICROPHONE
RLOAD = 1 MΩ, CLOAD = 14 pF.
tDCF
10
ns
Digital microphone clock fall time.
tDCR
10
ns
Digital microphone clock rise time.
tDDV
22
30
ns
Digital microphone delay time for valid data.
tDDH
0
12
ns
Digital microphone delay time for data three-stated.


Similar Part No. - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
929Kb / 77P
   Audio Codec with Integrated PLL
More results

Similar Description - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com