Electronic Components Datasheet Search |
|
HSMP-3890 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HSMP-3890 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 13 page 3 Electrical Specifications, T C = 25°C, each diode Package Minimum Maximum Maximum Part Number Marking Lead Breakdown Series Resistance Total Capacitance HSMP- Code Code Configuration Voltage V BR (V) R S (ý) C T (pF) 3890 G0[1] 0 Single 100 2.5 0.30 3892 G2[1] 2 Series 3893 G3[1] 3 CommonAnode 3894 G4[1] 4 CommonCathode 3895 G5[1] 5 UnconnectedPair 389B G0[2] B Single 389C G2[2] C Series 389E G3[2] E CommonAnode 389F G4[2] F CommonCathode 389L GL[2] L UnconnectedTrio 389R S[2] R DualSwitchMode 389T Z[2] T LowInductanceSingle 389U GU[2] U Series-ShuntPair 389V GV[2] V HighFrequencySeriesPair TestConditions V R=VBR I F=5mA V R=5V Measure f=100MHz f=1MHz I R10µA Notes: 1. Packagemarkingcodeiswhite. 2. Packageislasermarked. High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes Minimum Maximum Typical Maximum Typical Part Package Breakdown Series Total Total Total Number Marking Voltage Resistance Capacitance Capacitance Inductance HSMP- Code[1] Configuration V BR (V) R S (ý) C T (pF) C T (pF) L T (nH) 489x GA DualAnode 100 2.5 0.33 0.375 1.0 TestConditions V R=VBR I F=5mA f=1MHz V R=5V f=500MHz– Measure V R=5 V f=1MHz 3GHz I R10µA Note: 1. SOT-23packagemarkingcodeiswhite;SOT-323islasermarked. Typical Parameters at T C = 25°C Part Number Series Resistance Carrier Lifetime Total Capacitance HSMP- R S (ý) τ (ns) C T (pF) 389x 3.8 200 0.20@5V TestConditions I F=1mA I F=10mA f=100MHz I R=6mA |
Similar Part No. - HSMP-3890 |
|
Similar Description - HSMP-3890 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |