Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-83563-TR2G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-83563-TR2G
Description  22 dBm PSAT 3V Power Amplifier for 0.5??6 GHz Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-83563-TR2G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-83563-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-83563-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
MGA-83563 Electrical Specifications, V
d = 3 V, TC = 25°C, using test circuit of Figure 2, unless noted.
Std.
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Dev.[4]
PSAT
Saturated Output Power[3]
f = 2.4 GHz
dBm
20.5
22.4
0.75
PAE
Power Added Efficiency[3]
f = 2.4 GHz
%
25
37
2.5
Id
Device Current[3,5]
mA
152
200
12.4
Gain
Small Signal Gain
f = 0.9 GHz
dB
20
f = 1.5 GHz
22
f = 2.0 GHz
23
f = 2.4 GHz
22
f = 4.0 GHz
22
f = 5.0 GHz
19
f = 6.0 GHz
17
PSAT
Saturated Output Power
f = 0.9 GHz
dBm
20.9
f = 1.5 GHz
21.7
f = 2.0 GHz
21.8
f = 2.4 GHz
22
f = 4.0 GHz
21.9
f = 5.0 GHz
19.7
f = 6.0 GHz
18.2
PAE
Power Added Efficiency
f = 0.9 GHz
%
41
f = 1.5 GHz
41
f = 2.0 GHz
40
f = 2.4 GHz
37
f = 4.0 GHz
32
f = 5.0 GHz
18
f = 6.0 GHz
14
P1 dB
Output Power at 1 dB Gain Compression[5] f = 0.9 GHz
dBm
19.1
f = 1.5 GHz
19.7
f = 2.0 GHz
19.7
f = 2.4 GHz
19.2
f = 4.0 GHz
18.1
f = 5.0 GHz
16
f = 6.0 GHz
15
VSWRin
Input VSWR into 50 Ω
Circuit A
f = 0.9 to 1.7 GHz
3.5
f = 1.8 to 3.0 GHz
2.6
Circuit B
f = 3.0 to 6.0 GHz
2.3
VSWRout
Output VSWR into 50 Ω
Circuit A
f = 0.9 to 2.0 GHz
1.4
f = 2.0 to 3.0 GHz
2.5
Circuit B
f = 3.0 to 4.0 GHz
3.5
f = 4.0 to 6.0 GHz
4.5
ISOL
Isolation
f = 0.9 to 3.0 GHz
dB
-38
f = 3.0 to 6.0 GHz
-30
IP3
Third Order Intercept Point
f = 0.9 GHz to 6.0 GHz
dBm
29
Notes:
3. Measured using the final test circuit of Figure 1 with an input power of +4 dBm.
4. Standard Deviation number is based on measurement of at least 500 parts from three non-consecutive wafer lots during the initial characteriza-
tion of this product, and is intended to be used as an estimate for distribution of the typical specification.
5. For linear operation, refer to thermal sections in the Applications section of this data sheet.


Similar Part No. - MGA-83563-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-83563-TR2G AVAGO-MGA-83563-TR2G Datasheet
325Kb / 22P
   Lead-free Option Available
More results

Similar Description - MGA-83563-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA83563 HP-MGA83563 Datasheet
177Kb / 24P
   22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 19 dBm Amplifier
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
TA005-025-10-24 TRANSCOM-TA005-025-10-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
TA005-025-23-24 TRANSCOM-TA005-025-23-24 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 24 dBm Amplifier
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
   2 GHz to 6 GHz, 45 dBm Power Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
   20 dBm Psat High Isolation Buffer Amplifier
logo
Transcom, Inc.
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com