Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3180 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3180
Description  2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3180 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3180 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3180 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
HCPL-3180GullWingSurfaceMountOption300
0.635
± 0.25
(0.025
± 0.010)
12
° NOM.
9.65
± 0.25
(0.380
± 0.010)
0.635
± 0.130
(0.025
± 0.005)
7.62
± 0.25
(0.300
± 0.010)
5
6
7
8
4
3
2
1
9.65
± 0.25
(0.380
± 0.010)
6.350
± 0.25
(0.250
± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080
± 0.320
(0.043
± 0.013)
3.56
± 0.13
(0.140
± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
SolderReflowTemperatureProfile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160
°C
140
°C
150
°C
PEAK
TEMP.
245
°C
PEAK
TEMP.
240
°C
PEAK
TEMP.
230
°C
SOLDERING
TIME
200
°C
PREHEATING TIME
150
°C, 90 + 30 SEC.
2.5
°C ± 0.5°C/SEC.
3
°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3
°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5
°C ± 0.5°C/SEC.
Note:Non-halidefluxshouldbeused.


Similar Part No. - HCPL-3180

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3180 HP-HCPL-3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-3180-060 HP-HCPL-3180-060 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-300 HP-HCPL-3180-300 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
HCPL-3180-500 HP-HCPL-3180-500 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

Similar Description - HCPL-3180

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com