Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4168EBRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM4168EBRUZ
Description  15 kV ESD Protected Dual RS-422 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4168EBRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM4168EBRUZ Datasheet HTML 2Page - Analog Devices ADM4168EBRUZ Datasheet HTML 3Page - Analog Devices ADM4168EBRUZ Datasheet HTML 4Page - Analog Devices ADM4168EBRUZ Datasheet HTML 5Page - Analog Devices ADM4168EBRUZ Datasheet HTML 6Page - Analog Devices ADM4168EBRUZ Datasheet HTML 7Page - Analog Devices ADM4168EBRUZ Datasheet HTML 8Page - Analog Devices ADM4168EBRUZ Datasheet HTML 9Page - Analog Devices ADM4168EBRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM4168E
Data Sheet
Rev. 0 | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
A1
RO1
DE1
B2
A2
RO2
B1
GND
16
15
14
13
12
11
10
9
DI1
Y1
Z1
Y2
DI2
Z2
DE2
VCC
ADM4168E
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
B1
Inverting Receiver Input B, Transceiver 1.
2
A1
Noninverting Receiver Input A, Transceiver 1.
3
RO1
Receiver Output, Transceiver 1.
4
DE1
Driver Output Enable, Transceiver 1. A logic high enables the differential driver outputs, Y1 and Z1; a logic low
places the differential driver outputs in a high impedance state.
5
RO2
Receiver Output, Transceiver 2.
6
A2
Noninverting Receiver Input A, Transceiver 2.
7
B2
Inverting Receiver Input B, Transceiver 2.
8
GND
Ground.
9
DI2
Driver Input, Transceiver 2. When the driver is enabled, a logic low on DI2 forces Y2 low and Z2 high, whereas
a logic high on DI2 forces Y2 high and Z2 low.
10
Y2
Noninverting Driver Output Y, Transceiver 2.
11
Z2
Inverting Driver Output Z, Transceiver 2.
12
DE2
Driver Output Enable, Transceiver 2. A logic high enables the differential driver outputs, Y2 and Z2; a logic low
places the differential driver outputs in a high impedance state.
13
Z1
Inverting Driver Output Z, Transceiver 1.
14
Y1
Noninverting Driver Output Y, Transceiver 1.
15
DI1
Driver Input, Transceiver 1. When the driver is enabled, a logic low on DI1 forces Y1 low and Z1 high, whereas
a logic high on DI1 forces Y1 high and Z1 low.
16
V
CC
Power Supply (5 V ± 10%).


Similar Part No. - ADM4168EBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4168EBRUZ AD-ADM4168EBRUZ Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
ADM4168EBRUZ-RL7 AD-ADM4168EBRUZ-RL7 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results

Similar Description - ADM4168EBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
logo
Analog Devices
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
logo
STMicroelectronics
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com