Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4168EBRUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM4168EBRUZ
Description  15 kV ESD Protected Dual RS-422 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4168EBRUZ Datasheet(HTML) 3 Page - Analog Devices

  ADM4168EBRUZ Datasheet HTML 1Page - Analog Devices ADM4168EBRUZ Datasheet HTML 2Page - Analog Devices ADM4168EBRUZ Datasheet HTML 3Page - Analog Devices ADM4168EBRUZ Datasheet HTML 4Page - Analog Devices ADM4168EBRUZ Datasheet HTML 5Page - Analog Devices ADM4168EBRUZ Datasheet HTML 6Page - Analog Devices ADM4168EBRUZ Datasheet HTML 7Page - Analog Devices ADM4168EBRUZ Datasheet HTML 8Page - Analog Devices ADM4168EBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADM4168E
Rev. 0 | Page 3 of 12
SPECIFICATIONS
4.5 V ≤ VCC ≤ 5.5 V; all minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted.
All typical specifications are at TA = 25°C, VCC = 5.0 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
No load, drivers enabled
Total Package
I
CC
4
6
mA
V
I = VCC or GND
5
9
mA
V
I = 2.4 V or 0.5 V
1
DRIVER
Differential Outputs (Y1, Z1, Y2, Z2 Pins)
Input Clamp Voltage
V
IK
−1.5
V
I
I = −18 mA
Output Voltage High
V
OH
2.4
3.5
V
V
IH = 2 V, VIL = 0.8 V, IOH = −20 mA
Output Voltage Low
V
OL
0.2
0.4
V
V
IH = 2 V, VIL = 0.8 V, IOL = 20 mA
Differential Output Voltage
No Load
|V
OD1|
2.0
6.0
V
I
O = 0 mA
Outputs Loaded2
|V
OD2|
2.0
3.7
V
R
L = 100 Ω (see Figure 11)
Δ|V
OD| for Complementary Output States
∆|V
OD|
±0.4
V
R
L = 100 Ω (see Figure 11)
Common-Mode Output Voltage
V
OC
±3.0
V
R
L = 100 Ω (see Figure 11)
Δ|V
OC| for Complementary Output States
Δ|V
OC|
±0.4
V
R
L = 100 Ω (see Figure 11)
Output Leakage Current
I
O
100
µA
DE = 0 V, V
CC = 0 V or 5 V, VO = 6 V
−100
µA
DE = 0 V, V
CC = 0 V or 5 V, VO = −0.25 V
Output Current (Short Circuit)3
I
OS
−30
−150
mA
V
O = VCC or GND
Input Capacitance
C
I
6
pF
Logic Inputs (DI, DE Pins)
Input Voltage High
V
IH
2.0
V
Input Voltage Low
V
IL
0.8
V
Input Current High
I
IH
1
µA
V
I = VCC or VIH
Input Current Low
I
IL
−1
µA
V
I = GND or VIL
RECEIVER
Differential Inputs (A1, B1, A2, B2 Pins)
Differential Input Threshold Voltage2
V
TH
−200
+200
mV
Input Voltage Hysteresis
V
HYS
60
mV
Input Current
I
I
1.5
mA
V
I = 7 V, other input at 0 V
−2.5
mA
V
I = −7 V, other input at 0 V
Line Input Resistance
R
IN
12
30
kΩ
V
IC = −7 V to +7 V, other input at 0 V
Logic Outputs (RO1, RO2 Pins)
Output Voltage High
V
OH
3.8
4.2
V
V
ID = 200 mV, IOH = −6 mA
Output Voltage Low
V
OL
0.1
0.3
V
V
ID = −200 mV, IOL = 6 mA
1 Measured per input with other inputs at V
CC or GND.
2 For exact conditions, see TIA/EIA-422-B.
3 No more than one output shorted at any time, with the duration of the short not to exceed 1 second.


Similar Part No. - ADM4168EBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4168EBRUZ AD-ADM4168EBRUZ Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
ADM4168EBRUZ-RL7 AD-ADM4168EBRUZ-RL7 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results

Similar Description - ADM4168EBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
logo
Analog Devices
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
logo
STMicroelectronics
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com