Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1111 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1111
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111 Datasheet(HTML) 3 Page - Analog Devices

  ADP1111_09 Datasheet HTML 1Page - Analog Devices ADP1111_09 Datasheet HTML 2Page - Analog Devices ADP1111_09 Datasheet HTML 3Page - Analog Devices ADP1111_09 Datasheet HTML 4Page - Analog Devices ADP1111_09 Datasheet HTML 5Page - Analog Devices ADP1111_09 Datasheet HTML 6Page - Analog Devices ADP1111_09 Datasheet HTML 7Page - Analog Devices ADP1111_09 Datasheet HTML 8Page - Analog Devices ADP1111_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADP1111
REV.A
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Supply Voltage
36 V
SW1 Pin Voltage
50 V
SW2 Pin Voltage
−0.5 V to VIN
Feedback Pin Voltage (ADP1111)
5.5 V
Switch Current
1.5 A
Maximum Power Dissipation
500 mW
Operating Temperature Range
ADP1111A
0°C to 70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
TYPICAL APPLICATION
10µF
(OPTIONAL)
ILIM
VIN
SW1
SW2
GND
ADP1111AR-5
SUMIDA
CD54-220K
22µH
5V
100mA
33µF
SENSE
3V
INPUT
MBRS120T3
Figure 1. 3 V to 5 V Step-Up Converter
ESD CAUTION
PIN DESCRIPTIONS
Mnemonic
Function
ILIM
For normal conditions this pin is connected to VIN.
When lower current is required, a resistor should be
connected between ILIM and VIN. Limiting the switch
current to 400 mA is achieved by connecting a 220 Ω
resistor.
VIN
Input Voltage.
SW1
Collector Node of Power Transistor. For step-down
con-figuration, connect to VIN. For step-up configu-
ration, connect to an inductor/diode.
SW2
Emitter Node of Power Transistor. For step-down
configuration, connect to inductor/diode. For step-up
configuration, connect to ground. Do not allow this
pin to go more than a diode drop below ground.
GND
Ground.
AO
Auxiliary Gain (GB) Output. The open collector can
sink 300 μA. It can be left open if unused.
SET
Gain Amplifier Input. The amplifier’s positive input is
connected to SET pin and its negative input is con-
nected to the 1.25 V reference. It can be left open if
unused.
FB/SENSE
On the ADP1111 (adjustable) version this pin is con-
nected to the comparator input. On the ADP1111-3.3,
ADP1111-5 and ADP1111-12, the pin goes directly
to the internal application resistor that sets output
voltage.
PIN CONFIGURATIONS
A0
ILIM
SW1
GND
VIN
SW2
*FIXED VERSIONS
FB (SENSE)*
SET
1
2
3
4
8
7
6
5
ADP1111
TOP VIEW
(Not to Scale)
8-Lead Plastic DIP
(N-8)
A0
ILIM
SW1
GND
VIN
SW2
*FIXED VERSIONS
FB (SENSE)*
SET
1
2
3
4
8
7
6
5
ADP1111
TOP VIEW
(Not to Scale)
8-Lead Plastic SOIC
(SO-8)


Similar Part No. - ADP1111_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111AN AD-ADP1111AN Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-12 AD-ADP1111AN-12 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-33 AD-ADP1111AN-33 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-5 AD-ADP1111AN-5 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Similar Description - ADP1111_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com