Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3316P-103_L_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3316P-103_L_
Description  High energy storage and very low resistance, Most values available with 10% tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316P-103_L_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3316P-103_L_ Datasheet HTML 1Page - Coilcraft lnc. DO3316P-103_L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
SMT Power Inductors–DO3316P Series
Document 179-2
Document 179-2 Revised 09/25/12
0.01
0.1
110
1
10
100
1000
0.01
0.1
110
0.1
10000
Frequency (MHz)
1µH
1000 µH
100 µH
10 µH
0.1
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1µH
1000 µH
Typical L vs Current
Typical L vs Frequency
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
0.370
9,40
0.125 ±0.010
3,18 ±0,254
0.145 ±0.010
3,69 ±0,254
max
0.100
2,54
0.100
2,54
0.110
2,79
0.115
2,92
0.405
10,29
0.300
7,62
0.510
12,95
max
0.330
8,38 dia
0.205
5,21
max
Recommended
Land Pattern
Dash number
Internal code
Start
Finish
*
*
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
Allowan additional 0.01/0,254
in length and 0.005/0,127 in
height for optional
tin-silver-copper application.
tin-lead and
*
Dimensions are in
inches
mm


Similar Part No. - DO3316P-103_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-103KLD COILCRAFT-DO3316P-103KLD Datasheet
215Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-103MLB COILCRAFT-DO3316P-103MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-103MLD COILCRAFT-DO3316P-103MLD Datasheet
249Kb / 2P
   SMT Power Inductors DO3316P Series
DO3316P-103MLD COILCRAFT-DO3316P-103MLD Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
More results

Similar Description - DO3316P-103_L_

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-RW1-RW2 OHMITE-RES-RW1-RW2 Datasheet
344Kb / 2P
   Extremely low resistance and high precision tolerance
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
   Extended resistance values available in standard sizes
Revision: 25-Jan-12
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Monolithic Power System...
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
   Energy Storage and Release Control IC
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
logo
STMicroelectronics
STL6P3LLH6 STMICROELECTRONICS-STL6P3LLH6 Datasheet
578Kb / 15P
   Very low on-resistance
November 2014 Rev 3
STL25N15F3 STMICROELECTRONICS-STL25N15F3 Datasheet
642Kb / 12P
   Very low thermal resistance
March 2009 Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com