Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402AF-361XJL_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402AF-361XJL_
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402AF-361XJL_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402AF-361XJL_ Datasheet HTML 1Page - Coilcraft lnc. 0402AF-361XJL_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Chip Inductors – 0402AF Series
Document 422-2
20 nH
56 nH
100 nH
270 nH
560 nH
1
10
1000
100
0.001
0.01
110
0.1
Frequency (GHz)
Typical L vs Frequency
20 nH
56 nH
100 nH
270 nH
560 nH
16
14
12
10
8
6
4
2
0
110
100
Frequency (MHz)
Typical Q vs Frequency
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Document 422-2 Revised 12/17/12
Typical Impedance vs Frequency
20 nH
56 nH
100 nH
270 nH
560 nH
0.1
10
1
10000
1000
100
0.001
0.01
110
0.1
Frequency (GHz)
A
B
overall
E
F
F
D
terminal
E
H
C
G
Terminal wraparound:
approx 0.007/0,18 both ends
Pick and
place
material
Recommended
Land Pattern
A max B max C max
D
E
F
G
H
0.044
0.026 0.026 0.020 0.009 0.017 0.018 0.026 inches
1,12
0,66
0,66
0,51 0,23
0,43
0,46
0,66 mm
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 0402AF-361XJL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402AF-361XJLQ COILCRAFT-0402AF-361XJLQ Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402AF-361XJLU COILCRAFT-0402AF-361XJLU Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402AF-361XJLW COILCRAFT-0402AF-361XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
More results

Similar Description - 0402AF-361XJL_

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com