Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603CS-12NX_L_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603CS-12NX_L_
Description  Ultra-small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603CS-12NX_L_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603CS-12NX_L_ Datasheet HTML 1Page - Coilcraft lnc. 0603CS-12NX_L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
ChipInductors–0603CS(1608)
Document 195-1
Document 195-1 Revised 05/02/12
Ultra-small size, exceptional Q and high SRFs
make these inductors ideal for high frequency
applications where size is at a premium. They
also have excellent DCR and current carrying
characteristics.
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.071 0.044 0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80 1,12 1,02 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
Irms Derating
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 3.2 – 3.7 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 1.0 mm thick,
4 mm pocket spacing
PCB washing Only pure water or alcohol recommended
10
100
Frequency (MHz)
1000
10000
100
80
90
60
70
40
50
20
10
30
0
120 nH
33 nH
3.9 nH
68 nH
12 nH
270 nH
10
100
Frequency (MHz)
1000
10000
400
350
0
50
100
150
200
250
300
120 nH
68 nH
33 nH
3.9 nH
12 nH
270 nH
A
B
overall
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
J
F
F
G
H
E
terminal
Recommended
Land Pattern
I
I
Pick and
place
material
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 0603CS-12NX_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS-12NXGLU COILCRAFT-0603CS-12NXGLU Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
0603CS-12NXGLU COILCRAFT-0603CS-12NXGLU Datasheet
154Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-12NXGLU COILCRAFT-0603CS-12NXGLU Datasheet
101Kb / 2P
   Chip Inductors - 0603CS (1608)
0603CS-12NXGLW COILCRAFT-0603CS-12NXGLW Datasheet
101Kb / 2P
   Chip Inductors - 0603CS (1608)
0603CS-12NXJLU COILCRAFT-0603CS-12NXJLU Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
More results

Similar Description - 0603CS-12NX_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805CS COILCRAFT-0805CS_12 Datasheet
152Kb / 2P
   Exceptional Q values, even at high frequencies, Wirewound construction provides the highest SRFs in 0805 size
logo
Taiyo Yuden (U.S.A.), I...
HKQ04021N3B-T TAIYO-YUDEN-HKQ04021N3B-T Datasheet
137Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04021N3C-T TAIYO-YUDEN-HKQ04021N3C-T Datasheet
137Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ0603W1N6C-T TAIYO-YUDEN-HKQ0603W1N6C-T Datasheet
145Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04020N5B-T TAIYO-YUDEN-HKQ04020N5B-T Datasheet
137Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04020N5S-T TAIYO-YUDEN-HKQ04020N5S-T Datasheet
137Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04020N8B-T TAIYO-YUDEN-HKQ04020N8B-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04021N0C-T TAIYO-YUDEN-HKQ04021N0C-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04021N1C-T TAIYO-YUDEN-HKQ04021N1C-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
HKQ04021N2B-T TAIYO-YUDEN-HKQ04021N2B-T Datasheet
143Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com