Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812LS-224XJL_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812LS-224XJL_
Description  Highest inductance values of all our chip inductors, Ferrite construction for high current handling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812LS-224XJL_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812LS-224XJL_ Datasheet HTML 1Page - Coilcraft lnc. 1812LS-224XJL_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
1812LS (4532) Chip Inductors
Document 106-2
Document 106-2 Revised 01/19/12
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
Typical Q vs Frequency
Typical L vs Current
10000
1000
100
10
1
10
DC Current (mA)
100
1000
1000 µH
330 µH
100 µH
33 µH
12 µH
Frequency (MHz)
0.1
60
50
40
30
20
10
0
0.2 0.3 0.4
0.6
12
45
38
610
0.79 MHz
2.5 MHz
1000 µH
560 µH
82 µH
270 µH
33 µH
18 µH
12 µH
Irms Derating
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C314 contains 10 of each value
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 142–171mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+100°Cwithderatedcurrent
Storage temperature Component:–40°Cto+100°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +200to+700ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel. Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth
PCB washing Only pure water or alcohol recommended
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1812LS-224XJL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812LS-224XJLB COILCRAFT-1812LS-224XJLB Datasheet
108Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1812LS-224XJLC COILCRAFT-1812LS-224XJLC Datasheet
177Kb / 2P
   Chip Inductors 1812LS Series
1812LS-224XJLC COILCRAFT-1812LS-224XJLC Datasheet
125Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1812LS-224XJLC COILCRAFT-1812LS-224XJLC Datasheet
108Kb / 2P
   Chip Inductors - 1812LS Series (4532)
1812LS-224XJLD COILCRAFT-1812LS-224XJLD Datasheet
108Kb / 2P
   Chip Inductors - 1812LS Series (4532)
More results

Similar Description - 1812LS-224XJL_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS COILCRAFT-1008LS_13 Datasheet
139Kb / 2P
   Lower DCR than other 1008 inductors, Ferrite construction for high current handling
logo
Allied Components Inter...
FCHC20 ALLIED-FCHC20 Datasheet
465Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC10-1R0K-RC ALLIED-FCHC10-1R0K-RC Datasheet
361Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC10 ALLIED-FCHC10 Datasheet
362Kb / 1P
   Ferrite Core Chip Inductors High Current
FCHC20-R47K-RC ALLIED-FCHC20-R47K-RC Datasheet
454Kb / 1P
   Ferrite Core Chip Inductors High Current
logo
Coilcraft lnc.
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
   Higher inductance values than other 0402 ceramic chip inductors
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
SER1590-301MLB COILCRAFT-SER1590-301MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com