Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9284A-20GJ6E Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9284A-20GJ6E
Description  Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284A-20GJ6E Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9284A-20GJ6E Datasheet HTML 2Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 3Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 4Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 5Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 6Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 7Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 8Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 9Page - Richtek Technology Corporation RT9284A-20GJ6E Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RT9284A/B
www.richtek.com
DS9284A/B-07 April 2011
Typical Operating Characteristics
LED Current vs. Input Voltage
18
18.5
19
19.5
20
20.5
21
21.5
22
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
4WLEDs, L = 10
μH
Maximum Duty Cycle vs. VDD
85%
86%
87%
88%
89%
90%
91%
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
VDD (V)
91
90
89
88
87
86
85
POR (Rising/Falling) vs. Temperature
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40 -30 -20 -10
0
1020 304050 6070 80 90
Temperature (
°C)
Rising
Falling
Shut Down Voltage vs. Input Voltage
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
-45
°C
25
°C
85
°C
Enable Voltage vs. Input Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
-45
°C
25
°C
85
°C
Efficiency vs. Input Voltage
80.5
81
81.5
82
82.5
83
83.5
84
3
3.2
3.4
3.6
3.8
4
4.2
4.4
Input Voltage (V)
3WLEDs
4WLEDs
ILED = 20mA, L = 4.7
μH, DCR = 0.15Ω


Similar Part No. - RT9284A-20GJ6E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A-20GJ6E RICHTEK-RT9284A-20GJ6E Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
More results

Similar Description - RT9284A-20GJ6E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
EUROQUARTZ limited
CX11SM EUROQUARTZ-CX11SM Datasheet
117Kb / 1P
   Frequency Range 32.768kHz and 100kHz to 180kHz
logo
Texas Instruments
LMR12010XMKE-NOPB TI-LMR12010XMKE-NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
logo
Advanced Crystal Techno...
ACTSPXO08 ACT-ACTSPXO08 Datasheet
58Kb / 1P
   Wide Frequency Range up to 160MHz
17/08/04
logo
Intronics Power, Inc.
458 INTRONICS-458 Datasheet
854Kb / 4P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
List of Unclassifed Man...
458J ETC1-458J Datasheet
52Kb / 1P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
TXC Corporation.
7B-SERIES TXC-7B-SERIES Datasheet
1,010Kb / 1P
   High precision characteristics covering up to wide frequency range.
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
   Wide range of supply voltage: 3.5V to 28V.
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
   SMD TCXO HCMOS Wide frequency range up to 200 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com