Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805CS-910X_L_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0805CS-910X_L_
Description  Exceptional Q values, even at high frequencies, Wirewound construction provides the highest SRFs in 0805 size
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0805CS-910X_L_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  0805CS-910X_L_ Datasheet HTML 1Page - Coilcraft lnc. 0805CS-910X_L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Chip Inductors – 0805CS (2012)
Document 100-1
Document 100-1 Revised 01/11/12
• ExceptionalQvalues,evenathighfrequencies
• Tighttolerances–2%formost;1%forsomevalues
Inductance2
Percent
SRF typ5 DCR max6
Irms7
Color
Part number1
(nH)
tolerance3
Q min4
(MHz)
(Ohms)
(mA)
code
0805CS-020XJL_
2.8 @ 250 MHz
5
80@1500MHz
12200
0.06
800
Gray
0805CS-3N0XJL_
3.0 @ 250 MHz
5
65@1500MHz
12200
0.06
800
White
0805CS-030XJL_
3.3 @ 250 MHz
5
50@1500MHz
12200
0.08
600
Black
0805CS-050XJL_
5.6 @ 250 MHz
5
65@1000MHz
5900
0.08
600
Orange
0805CS-060XJL_
6.8 @ 250 MHz
5
50@1000MHz
5600
0.11
600
Brown
0805CS-070XJL_
7.5 @ 250 MHz
5
50@1000MHz
4800
0.14
600
Green
0805CS-080X_L_
8.2 @ 250 MHz
5,2
50 @ 1000 MHz
4400
0.12
600
Red
0805CS-100X_L_
10 @ 250 MHz
5,2
60@500MHz
4300
0.10
600
Blue
0805CS-120X_L_
12 @ 250 MHz
5,2
50@500MHz
4000
0.15
600
Orange
0805CS-150X_L_
15 @ 250 MHz
5,2
50@500MHz
3200
0.17
600
Yellow
0805CS-180X_L_
18 @ 250 MHz
5,2
50@500MHz
3100
0.20
600
Green
0805CS-220X_L_
22 @ 250 MHz
5,2
55@500MHz
2600
0.22
500
Blue
0805CS-240X_L_
24 @ 250 MHz
5,2
50@500MHz
2400
0.22
500
Gray
0805CS-270X_L_
27 @ 250 MHz
5,2
55@500MHz
2580
0.25
500
Violet
0805CS-330X_L_
33 @ 250 MHz
5,2,1
60@500MHz
2150
0.27
500
Gray
0805CS-360X_L_
36 @ 250 MHz
5,2,1
55@500MHz
1900
0.27
500
Orange
0805CS-390X_L_
39 @ 250 MHz
5,2,1
60@500MHz
2000
0.29
500
White
0805CS-430X_L_
43 @ 200 MHz
5,2,1
60@500MHz
1800
0.34
500
Yellow
0805CS-470X_L_
47 @ 200 MHz
5,2,1
60@500MHz
1700
0.31
500
Black
0805CS-560X_L_
56 @ 200 MHz
5,2,1
60@500MHz
1600
0.34
500
Brown
0805CS-680X_L_
68 @ 200 MHz
5,2,1
60 @ 500 MHz
1500
0.38
500
Red
0805CS-820X_L_
82 @ 150 MHz
5,2,1
65@500MHz
1330
0.42
400
Orange
0805CS-910X_L_
91 @ 150 MHz
5,2,1
65@500MHz
1330
0.48
400
Black
0805CS-101X_L_
100 @ 150 MHz
5,2,1
65@500MHz
1250
0.46
400
Yellow
0805CS-111X_L_
110 @ 150 MHz
5,2
50@250MHz
1100
0.48
400
Brown
0805CS-121X_L_
120 @ 150 MHz
5,2,1
50@250MHz
1100
0.51
400
Green
0805CS-151X_L_
150 @ 100 MHz
5,2,1
50@250MHz
920
0.56
400
Blue
0805CS-181X_L_
180 @ 100 MHz
5,2,1
50@250MHz
920
0.64
400
Violet
0805CS-221X_L_
220 @ 100 MHz
5,2
50@250MHz
820
0.70
400
Gray
0805CS-241X_L_
240 @ 100 MHz
5,2
44 @ 250 MHz
770
1.00
350
Red
0805CS-271X_L_
270 @ 100 MHz
5,2
48@250MHz
730
1.00
350
White
0805CS-331X_L_
330 @ 100 MHz
5,2
48@250MHz
650
1.40
310
Black
0805CS-391X_L_
390 @ 100 MHz
5,2
48@250MHz
600
1.50
290
Brown
0805CS-471X_L_
470 @ 50 MHz
5,2
33@100MHz
375
1.76
250
Violet
0805CS-561X_L_
560 @ 25 MHz
5,2
23@50MHz
330
1.90
230
Orange
0805CS-681X_L_
680 @ 25 MHz
5,2
23@50MHz
310
2.20
190
Green
0805CS-821X_L_
820 @ 25 MHz
5,2
23@50MHz
310
2.35
180
Blue
1. Whenordering,specify
tolerance, terminationandpackaging codes:
0805CS-821XGLC
Tolerance:
F =1% G =2% J =5%
(Tableshowsstocktolerancesinbold.)
Termination: L =RoHScompliantsilver-palladium-platinum-glassfrit.
E=Halogenfreecomponent.RoHScompliantsilver-
palladium-platinum-glassfritterminations.
Specialorder:
T =RoHStin-silver-copper(95.5/4/0.5)
or
S =non-RoHStin-lead(63/37).
Packaging: C = 7
″ machine-readyreel. EIA-481embossedplastic
tape(2000partsperfullreel).
B =Lessthanfullreel.Intape,butnotmachineready.
Tohavealeaderandtraileradded($25charge),use
codeletterCinstead.
D = 13
″ machine-readyreel. EIA-481embossedplastic
tape.Factoryorderonly,notstocked(7500partsper
fullreel).
2. InductancemeasuredusingaCoilcraftSMD-AfixtureinanAgilent/
HP4286AimpedanceanalyzerwithCoilcraft-providedcorrelation
pieces.
3. Tolerancesinboldarestockedforimmediateshipment.
4. QmeasuredusinganAgilent/HP4291AwithanAgilent/HP16193test
fixture.
5. SRFmeasuredusinganAgilent/HP8720Dnetworkanalyzeranda
CoilcraftSMD-Dtestfixture.
6. DCRmeasuredonaCambridgeTechnologymicro-ohmmeteranda
CoilcraftCCF858testfixture.
7. Currentthatcausesa15°Ctemperaturerisefrom25°Cambient.
8. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.
• WirewoundconstructionprovidesthehighestSRFsin0805
size


Similar Part No. - 0805CS-910X_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805CS-910XFLB COILCRAFT-0805CS-910XFLB Datasheet
160Kb / 2P
   Chip Inductors ??0805CS (2012)
0805CS-910XFLB COILCRAFT-0805CS-910XFLB Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-910XFLB COILCRAFT-0805CS-910XFLB Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-910XFLB COILCRAFT-0805CS-910XFLB Datasheet
160Kb / 2P
   Chip Inductors - 0805CS (2012)
0805CS-910XFLB COILCRAFT-0805CS-910XFLB Datasheet
107Kb / 2P
   Chip Inductors
More results

Similar Description - 0805CS-910X_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS COILCRAFT-0603CS_12 Datasheet
146Kb / 2P
   Ultra-small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium
1812LS COILCRAFT-1812LS_12 Datasheet
177Kb / 2P
   Highest inductance values of all our chip inductors, Ferrite construction for high current handling
logo
OmniVision Technologies...
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
logo
Coilcraft lnc.
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
List of Unclassifed Man...
RB2015 ETC2-RB2015 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Littelfuse
T2200 LITTELFUSE-T2200 Datasheet
217Kb / 2P
   The T2200 detects the highest
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
logo
Ohmite Mfg. Co.
RES-CS3 OHMITE-RES-CS3 Datasheet
328Kb / 2P
   Values beginning at 1 miliohm
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
logo
Vishay Siliconix
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com