Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603HP-33NX_L_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603HP-33NX_L_
Description  Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603HP-33NX_L_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603HP-33NX_L_ Datasheet HTML 1Page - Coilcraft lnc. 0603HP-33NX_L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
ChipInductors–0603HPSeries(1608)
Document 537 -1
Document 537-1 Revised 05/02/12
Current Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
•HigherQandlowerDCRthanother0603inductors
•HighestSRFvalues–ashighas16GHz
•Excellentcurrenthandlingcapability–upto2100mA
•54inductancevaluesfrom1.8to390nH
0
20
40
60
80
100
120
140
160
10
100
10000
1000
Frequency (MHz)
10 nH
150 nH
330 nH
24 nH
51 nH
82 nH
Typical Q vs Frequency
Typical L vs Frequency
1
10
100
1000
10
100
10000
1000
Frequency (MHz)
150 nH
330 nH
10 nH
24 nH
51 nH
82 nH
Core material Ceramic
Environmental RoHScompliant,halogenfreeoptional
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 2.0–3.2mg
Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°C
to+140°Cwithderatedcurrent
Storage temperature Component:–40°Cto+140°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +25to+125ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
Oneperbillionhours/onebillionhours,calculatedperTelcordiaSR-332
Packaging 2000per7
″reel.Papertape:8mmwide,1mmthick,
4mmpocketspacing
PCB washing Onlypurewateroralcoholrecommended
A
B
overall
C
D
I
I
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.01/0,24 both ends
Pick and
place
material
A
B
C
max (min – max) max
D
E
F
G
H
I
J
0.069 0.034 – 0.043 0.037 0.015 0.029 0.013 0.038 0.040 0.027 0.028 inches
1,75 0,86 – 1,09 0,94 0,38 0,74 0,33 0,96 1,02 0,69 0,71 mm
Note: Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum
heightdimensionincludingsolder,add0.006in/0,152mm.


Similar Part No. - 0603HP-33NX_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HP-33NXGLW COILCRAFT-0603HP-33NXGLW Datasheet
157Kb / 2P
   Chip Inductors ??0603HP Series (1608)
0603HP-33NXGLW COILCRAFT-0603HP-33NXGLW Datasheet
150Kb / 2P
   Chip Inductors - 0603HP Series
More results

Similar Description - 0603HP-33NX_L_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
   Higher inductance values than other 0402 ceramic chip inductors
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
1008LS COILCRAFT-1008LS_13 Datasheet
139Kb / 2P
   Lower DCR than other 1008 inductors, Ferrite construction for high current handling
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
Vishay Siliconix
IFC-0805 VISHAY-IFC-0805 Datasheet
239Kb / 2P
   High Q/SRF, Low Value Chip Inductors
Revision: 10-Aug-06
logo
Shenzhen Huazhimei Semi...
HM25N120T HMSEMI-HM25N120T Datasheet
548Kb / 8P
   DAXIN?셲 IGBTs offer lower losses and higher energy for application such as motor drive ,UPS, inverter and other soft switching applications.
logo
Vishay Siliconix
IFC-0603 VISHAY-IFC-0603 Datasheet
77Kb / 2P
   High Q/SRF, Low Value Chip Inductors
Revision: 10-Aug-06
logo
Advanced Thermal Soluti...
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52270B-C1-R0 ATS-ATS-52270B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52290P-C1-R0 ATS-ATS-52290P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com