Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERB1885C2E100JDX5D Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # ERB1885C2E100JDX5D
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB1885C2E100JDX5D Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button ERB1885C2E100JDX5D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. ERB1885C2E100JDX5D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Product Offering
ERB series
Size
TC
WV
Cap
Cap Tol
Murata Global P/N
0805
C0G 250V
8pF
+/-0.25pF
ERB21B5C2E8R0CDX1L
0805
C0G 250V
8pF
+/-0.5pF
ERB21B5C2E8R0DDX1L
0805
C0G 250V
8.2pF
+/-0.25pF
ERB21B5C2E8R2CDX1L
0805
C0G 250V
9pF
+/-0.25pF
ERB21B5C2E9R0CDX1L
0805
C0G 250V
9pF
+/-0.5pF
ERB21B5C2E9R0DDX1L
0805
C0G 250V
10pF
+/-2%
ERB21B5C2E100GDX1L
0805
C0G 250V
10pF
+/-5%
ERB21B5C2E100JDX1L
0805
C0G 250V
12pF
+/-2%
ERB21B5C2E120GDX1L
0805
C0G 250V
12pF
+/-5%
ERB21B5C2E120JDX1L
0805
C0G 250V
15pF
+/-2%
ERB21B5C2E150GDX1L
0805
C0G 250V
15pF
+/-5%
ERB21B5C2E150JDX1L
0805
C0G 250V
18pF
+/-2%
ERB21B5C2E180GDX1L
0805
C0G 250V
18pF
+/-5%
ERB21B5C2E180JDX1L
0805
C0G 250V
22pF
+/-2%
ERB21B5C2E220GDX1L
0805
C0G 250V
22pF
+/-5%
ERB21B5C2E220JDX1L
0805
C0G 250V
27pF
+/-2%
ERB21B5C2E270GDX1L
0805
C0G 250V
27pF
+/-5%
ERB21B5C2E270JDX1L
0805
C0G 250V
33pF
+/-2%
ERB21B5C2E330GDX1L
0805
C0G 250V
33pF
+/-5%
ERB21B5C2E330JDX1L
0805
C0G 250V
39pF
+/-2%
ERB21B5C2E390GDX1L
0805
C0G 250V
39pF
+/-5%
ERB21B5C2E390JDX1L
0805
C0G 250V
47pF
+/-2%
ERB21B5C2E470GDX1L
0805
C0G 250V
47pF
+/-5%
ERB21B5C2E470JDX1L
0805
C0G 250V
56pF
+/-2%
ERB21B5C2E560GDX1L
0805
C0G 250V
56pF
+/-5%
ERB21B5C2E560JDX1L
0805
C0G 250V
68pF
+/-2%
ERB21B5C2E680GDX1L
0805
C0G 250V
68pF
+/-5%
ERB21B5C2E680JDX1L
0805
C0G 250V
82pF
+/-2%
ERB21B5C2E820GDX1L
0805
C0G 250V
82pF
+/-5%
ERB21B5C2E820JDX1L
0805
C0G 250V 100pF
+/-2%
ERB21B5C2E101GDX1L
0805
C0G 250V 100pF
+/-5%
ERB21B5C2E101JDX1L
0805
C0G 100V 120pF
+/-2%
ERB21B5C2A121GDX1L
0805
C0G 100V 120pF
+/-5%
ERB21B5C2A121JDX1L
0805
C0G 50V
150pF
+/-2%
ERB21B5C1H151GDX1L
0805
C0G 50V
150pF
+/-5%
ERB21B5C1H151JDX1L
High Frequency ERB Series (0805 / C0G)
ERB21 Series
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Product Offering
Innovator in Electronics – 49
C-29-C
www .m
urata.com


Similar Part No. - ERB1885C2E100JDX5D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2E100JDX5D MURATA1-ERB1885C2E100JDX5D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB1885C2E100JDX5D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com