Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA-L0605C-VJL Datasheet(PDF) 8 Page - TDK Electronics

Part # CXA-L0605C-VJL
Description  DC-AC INVERTER UNIT CXA-L0605C-VxL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-L0605C-VJL Datasheet(HTML) 8 Page - TDK Electronics

  CXA-L0605C-VJL Datasheet HTML 1Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 2Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 3Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 4Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 5Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 6Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 7Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 8Page - TDK Electronics CXA-L0605C-VJL Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER UNIT CXA-L0605C-VxL
PAGE
NAME OF DRAWING
DRAWING No.
Product Drawing
CTR-3818-X
TSB-08-01-05(00) form-6(A4)
TDK-L
TDK-L
TDK-L
TDK-Lambda
ambda
ambda
ambda
QU
<The specifications may be changed without any notice.>
7
[5] Reliability test
Following test items are assured.
Items
Conditions
-30°C 500h
-30°C 500h
Load cond.:TYP
85°C 500h
80°C 500h
Load cond.:TYP
Heat shock
Vibration
Shock
-30°C to 80°C
30min.Each 100 Cycles
10~57Hz Amplitude 0.75mm or 9.8m/s2
58~500Hz 9.8m/s2
Sweep:11min
60min each axis X,Y,Z
980m/s2 11ms
Harf-sine pulse
1 time each axis ±X,Y,Z
Judgement
Low Temp.
Non operational
Low Temp.operational
High Temp.
Non operational
High Temp.operational
Electrical and apperrance should be in the
spec.
Humidity
(Non operational)
60°C 90~95%RH 500h


Similar Part No. - CXA-L0605C-VJL

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-L0605-VJL TDK-CXA-L0605-VJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 4W, For 1 Bulb
logo
Power Systems GmbH+Co.K...
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VJL POWER-SYSTEMS-CXA-L0605A-VJL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605A-VSL POWER-SYSTEMS-CXA-L0605A-VSL Datasheet
231Kb / 2P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT WITH DIMMING FUNCTION
More results

Similar Description - CXA-L0605C-VJL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com