Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10-24S3P3 Datasheet(PDF) 1 Page - TDK Electronics

Part # PXD10-24S3P3
Description  Single and Dual Output 10 to 20W DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD10-24S3P3 Datasheet(HTML) 1 Page - TDK Electronics

  PXD10-24S3P3 Datasheet HTML 1Page - TDK Electronics PXD10-24S3P3 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
161
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
PXD Series
Features
u Industry Standard 2” x 1” Footprint
u Six Sided Shielding
u Agency Approved
u 12V, 24V and 48V Inputs
u UL, CSA, EN, CE approvals
u Wide range input
Single and Dual Output 10 to 20W DC-DC Converters
Notes:
(1) To meet regulation & noise specifications. Operation at zero load will not damage the device
* See website for detailed specifications
(2) 12uH source impedance in series with + input
(3) Positive logic standard on 20W (see options table). Input current 2.5mA
Model
PXD10
PXD15
PXD20
Max Output Power
10W
15W
20W
Voltage Accuracy
±2%
±1%
±1%
Voltage Adjustment (Single Output Only)
None
None
±10%
Minimum Load, each output
(1)
10%
10%
Single 0%; Dual 10%
Line Regulation
±1%
±1%
±0.2%
Load Regulation (10% to 100%)
Single Output: ±1%
Single Output: ±1%
±0.5%
Dual Output: ±2%
Dual Output: ±2%
Cross Regulation (25% to 100%)
±5%
Ripple and Noise
Single 50mV, Dual 75mV
Single 75mV, Dual 100mV
Start up time
20ms
10ms
Remote on/off
(3)
Positive Logic: ON: Open or 3.5-12V, OFF Short or <1.2V
Negative Logic: ON: Short or <1.2V, OFF: Open or 3.5-12V
Temperature Coefficient
<±0.02%/°C
Operating Temperature
See derating curves
Maximum Case Temperature
100°C
Storage Temperature
-55 to 105°C
Thermal Shock
MIL-STD-810D
Relative Humidity
5 to 95% (non condensing)
Transient Response (25% step load chg.)
500us recovery
500us recovery
300us recovery
Overvoltage Protection (Zener clamp)
1.5-3.3V: 3.9V, 5V: 6.2V, 12V: 15V, 15V: 18V
Overcurrent & Short Circuit Protection
Typically at 150%, hiccup with self recovery
Input Surge Voltage (Max. for 100ms)
12V input: 36V, 24V input: 50V, 48V input: 100V
Reflected input ripple (peak to peak) (2)
30mA
20mA
20mA
Isolation Voltage
1600VDC minimum
Isolation Resistance
109 Ohms minimum
Isolation Capacitance (max)
300pF
1000pF
Typical Switching Frequency (Fixed)
300kHz
Single: 500kHz
500kHz
Dual: 300kHz
MTBF (BELLCORE TR-NWT-000332)
1,976,000 hours
2,041,000 hours
1,791,000 hours
Vibration
10 - 55Hz, 2G, 30 minutes each X, Y, Z axis
Conducted and Radiated Emissions
EN55022 Level A
Immunity
EN61000-4-2, -3, -4, -5, -6 Pref Criteria 2
Safety Agency Approval
IEC60950-1, UL60950-1, EN60950-1, CE Mark (48V input only)
Size (L x W x H)
2x1x0.4”
Weight
0.95 oz (27g)
Warranty
Two Year
Specifications
Key Market Segments & Applications


Similar Part No. - PXD10-24S3P3

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
   4??Dia.X 6??extruded aluminum step poles
logo
Freescale Semiconductor...
PXD10 FREESCALE-PXD10 Datasheet
717Kb / 130P
   PXD10 Microcontroller
logo
Elektron Components Ltd...
PXD100 BULGIN-PXD100 Datasheet
158Kb / 2P
   IEC Rectangular Distribution Units
PXD100 BULGIN-PXD100 Datasheet
1Mb / 6P
   IEC DISTRIBUTION UNITS
PXD100/050/01/1 BULGIN-PXD100/050/01/1 Datasheet
158Kb / 2P
   IEC Rectangular Distribution Units
More results

Similar Description - PXD10-24S3P3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
List of Unclassifed Man...
TP501 ETC1-TP501 Datasheet
211Kb / 2P
   10 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com