Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC297E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC297E
Description  High-Speed CMOS Logic Digital Phase-Locked Loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC297E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC297E Datasheet HTML 1Page - Texas Instruments CD74HC297E Datasheet HTML 2Page - Texas Instruments CD74HC297E Datasheet HTML 3Page - Texas Instruments CD74HC297E Datasheet HTML 4Page - Texas Instruments CD74HC297E Datasheet HTML 5Page - Texas Instruments CD74HC297E Datasheet HTML 6Page - Texas Instruments CD74HC297E Datasheet HTML 7Page - Texas Instruments CD74HC297E Datasheet HTML 8Page - Texas Instruments CD74HC297E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Clock Frequency
KCP
fMAX
2
6
-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
24
-
MHz
Maximum Clock Frequency
I/DCP
fMAX
2
4
-3-2-
MHz
4.5
20
-
16
-
13
-
MHz
6
24
-
19
-
15
-
MHz
Clock Pulse Width
KCP
tw
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Clock Pulse Width
I/DCP
tW
2
125
-
155
-
190
-
ns
4.5
25
-
31
-
38
-
ns
6
21-26
-32-
ns
Set-up Time
D/U, ENCTR to KCP
tSU
2
100
-
125
-
150
-
ns
4.5
20
-
25
-
30
-
ns
6
17-21
-26-
ns
Hold Time
D/U, ENCTR to KCP
tH
2
0
-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
HCT TYPES
Maximum Clock Frequency
KCP
fMAX
4.5
30
-
24
-
20
-
MHz
Maximum Clock Frequency
I/DCP
fMAX
4.5
20
-
16
-
13
-
MHz
Clock Pulse Width
KCP
tw
4.5
16
-
20
-
24
-
ns
Clock Pulse Width
I/DCP
tw
4.5
25
-
31
-
38
-
ns
Set-up Time
D/U, ENCTR to KCP
tSU
4.5
20
-
25
-
30
-
ns
Hold Time
D/U, ENCTR to KCP
tH
4.5
0-0-0-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
I/DCP to I/DOUT
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
34
43
ns
CD54HC297, CD74HC297, CD74HCT297
CD54HC297, CD74HC297, CD74HCT297


Similar Part No. - CD74HC297E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297E TI1-CD74HC297E Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297EE4 TI1-CD74HC297EE4 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
More results

Similar Description - CD74HC297E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com