Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYPF2045DN Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FYPF2045DN
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FYPF2045DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FYPF2045DN Datasheet HTML 1Page - Fairchild Semiconductor FYPF2045DN Datasheet HTML 2Page - Fairchild Semiconductor FYPF2045DN Datasheet HTML 3Page - Fairchild Semiconductor FYPF2045DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, September 2002
SCHOTTKY BARRIER RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode)
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
45
V
VR
Maximum DC Reverse Voltage
45
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C20
A
IFSM
Non-repetitive Peak Surge Current (per diode)
60Hz Single Half-Sine Wave
150
A
TJ, TSTG
Operating Junction and Storage Temperature
-65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case (per diode)
3.5
°C/W
Symbol
Parameter
Value
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 10A
IF = 10A
IF = 20A
IF = 20A
TC = 25 °C
TC = 125 °C
TC = 25 °C
TC = 125 °C
0.55
0.49
0.70
0.65
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
1
80
mA
FYPF2045DN
Features
• Low forward voltage drop
• High frequency properties and switching speed
• Guard ring for over-voltage protection
Applications
• Switched mode power supply
• Freewheeling diodes
TO-220F
1
2
3
1. Anode 2.Cathode 3. Anode


Similar Part No. - FYPF2045DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FYPF2045DNTU ETC2-FYPF2045DNTU Datasheet
57Kb / 4P
   Low forward voltage drop, High frequency properties and switching speed
More results

Similar Description - FYPF2045DN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com