Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLK0603L3N0ST Datasheet(PDF) 6 Page - TDK Electronics

Part # MLK0603L3N0ST
Description  Inductors for High Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK0603L3N0ST Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLK0603L3N0ST Datasheet HTML 2Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 3Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 4Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 5Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 6Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 7Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 8Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 9Page - TDK Electronics MLK0603L3N0ST Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(5/14)
INDUC
T
O
RS
001-01 / 20130707 / inductor_high-frequency_mlk_en.fm
• All specifications are subject to change without notice.
MLK series 
MLK0603 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(MHz)
Q
min.
Q measuring
frequency
(MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
: )
Rated current
(mA)
max.
Part No.*
(nH)
Tolerance
min.
typ.
max.
typ.
1.0
±0.3nH
100
6
300
12.0
17.1
0.20
0.09
300
MLK0603L1N0ST
□□□
1.1
±0.3nH
100
6
300
11.0
17.1
0.22
0.10
300
MLK0603L1N1ST
□□□
1.2
±0.3nH
100
6
300
11.0
16.1
0.22
0.11
300
MLK0603L1N2ST
□□□
1.3
±0.3nH
100
6
300
10.0
15.8
0.24
0.12
300
MLK0603L1N3ST
□□□
1.5
±0.3nH
100
6
300
10.0
14.9
0.24
0.12
300
MLK0603L1N5ST
□□□
1.6
±0.3nH
100
6
300
10.0
14.3
0.27
0.13
300
MLK0603L1N6ST
□□□
1.8
±0.3nH
100
6
300
10.0
13.8
0.27
0.14
300
MLK0603L1N8ST
□□□
2.0
±0.3nH
100
6
300
9.0
12.6
0.30
0.15
300
MLK0603L2N0ST
□□□
2.2
±0.3nH
100
6
300
9.0
12.5
0.30
0.17
300
MLK0603L2N2ST
□□□
2.4
±0.3nH
100
6
300
8.5
11.4
0.35
0.17
300
MLK0603L2N4ST
□□□
2.7
±0.3nH
100
6
300
8.5
10.9
0.35
0.18
300
MLK0603L2N7ST
□□□
3.0
±0.3nH
100
6
300
8.0
10.6
0.40
0.20
200
MLK0603L3N0ST
□□□
3.3
±0.3nH
100
6
300
8.0
10.5
0.40
0.22
200
MLK0603L3N3ST
□□□
3.6
±0.3nH
100
6
300
8.0
9.9
0.45
0.22
200
MLK0603L3N6ST
□□□
3.9
±0.3nH
100
6
300
8.0
9.8
0.45
0.25
200
MLK0603L3N9ST
□□□
4.3
±0.3nH
100
6
300
7.5
9.5
0.50
0.28
200
MLK0603L4N3ST
□□□
4.7
±0.3nH
100
6
300
7.5
9.5
0.50
0.28
200
MLK0603L4N7ST
□□□
5.1
±0.3nH
100
6
300
6.5
8.8
0.60
0.28
200
MLK0603L5N1ST
□□□
5.6
±0.3nH
100
6
300
6.5
8.5
0.60
0.30
200
MLK0603L5N6ST
□□□
6.2
±0.3nH
100
6
300
6.0
8.3
0.65
0.34
200
MLK0603L6N2ST
□□□
6.8
±5%
100
6
300
6.0
8.1
0.65
0.34
200
MLK0603L6N8JT
□□□
7.5
±5%
100
6
300
6.0
7.7
0.70
0.36
200
MLK0603L7N5JT
□□□
8.2
±5%
100
6
300
6.0
7.9
0.70
0.41
200
MLK0603L8N2JT
□□□
9.1
±5%
100
6
300
5.5
7.4
0.80
0.42
200
MLK0603L9N1JT
□□□
10
±5%
100
6
300
5.5
7.5
0.80
0.48
200
MLK0603L10NJT
□□□
12
±5%
100
6
300
5.0
6.9
1.00
0.54
150
MLK0603L12NJT
□□□
15
±5%
100
6
300
4.5
6.6
1.10
0.66
150
MLK0603L15NJT
□□□
18
±5%
100
6
300
4.0
5.8
1.30
0.85
100
MLK0603L18NJT
□□□
22
±5%
100
6
300
3.5
5.3
1.60
1.02
100
MLK0603L22NJT
□□□
27
±5%
100
6
300
3.0
4.6
1.70
1.09
100
MLK0603L27NJT
□□□
33
±5%
100
6
300
2.8
4.4
1.80
1.21
100
MLK0603L33NJT
□□□
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLK0603L3N0ST

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK0603L3N0ST000 TDK-MLK0603L3N0ST000 Datasheet
119Kb / 10P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLK0603L3N0ST000 TDK-MLK0603L3N0ST000 Datasheet
129Kb / 3P
   Inductors (Coils)
MLK0603L3N0ST000 TDK-MLK0603L3N0ST000_17 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK0603L3N0ST

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com