Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53261-0871 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53261-0871
Description  1.25mm Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-Free, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

53261-0871 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53261-0871 Datasheet HTML 1Page - Molex Electronics Ltd. 53261-0871 Datasheet HTML 2Page - Molex Electronics Ltd. 53261-0871 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/09/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
53261-0871
Status:
Active
Overview:
PicoBlade™
Description:
1.25mm Pitch PicoBlade™ Header, Surface Mount, Right Angle, Lead-Free, 8 Circuits
Documents:
3D Model
Packaging Specification SPK-53261-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51021-024 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53261
Application
Signal, Wire-to-Board
MolexKits
Yes
Overview
PicoBlade™
Product Name
PicoBlade™
UPC
822348164219
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height
3.40mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
239.000/mg
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.25mm
Plating min - Mating
1.016µm
Plating min - Termination
1.016µm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53261Series
Mates With
51021 PicoBlade™ Wire-to-Wire and Wire-
to-Board Housing


Similar Part No. - 53261-0871

ManufacturerPart #DatasheetDescription
logo
MolexKits
53261-0871 MOLEXKITS-53261-0871 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
53261-0871 MOLEXKITS-53261-0871 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
logo
Molex Electronics Ltd.
53261-0871 MOLEX7-53261-0871 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 8 Circuits
logo
MolexKits
53261-0871-P MOLEXKITS-53261-0871-P Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
More results

Similar Description - 53261-0871

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0532610871 MOLEX7-0532610871 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 8 Circuits
53261-1171 MOLEX5-53261-1171 Datasheet
36Kb / 3P
   1.25mm Pitch PicoBlade Header, surface mount Right Angle, Lead-Free
0532611571 MOLEX7-0532611571 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free,
0532611771 MOLEX7-0532611771 Datasheet
233Kb / 5P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 17 Circuits
0532610871 MOLEX1-0532610871_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Surface Mount, Right Angle, 8 Circuits
0532610571 MOLEX7-0532610571 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 5Circuits
0532610471 MOLEX7-0532610471 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 4Circuits
0532611371 MOLEX7-0532611371 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 13Circuits
0532610671 MOLEX7-0532610671 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 6Circuits
0532610971 MOLEX7-0532610971 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 9Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com