Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37941K5102K070 Datasheet(PDF) 4 Page - EPCOS

Part # B37941K5102K070
Description  Multilayer Ceramic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941K5102K070 Datasheet(HTML) 4 Page - EPCOS

  B37941K5102K070 Datasheet HTML 1Page - EPCOS B37941K5102K070 Datasheet HTML 2Page - EPCOS B37941K5102K070 Datasheet HTML 3Page - EPCOS B37941K5102K070 Datasheet HTML 4Page - EPCOS B37941K5102K070 Datasheet HTML 5Page - EPCOS B37941K5102K070 Datasheet HTML 6Page - EPCOS B37941K5102K070 Datasheet HTML 7Page - EPCOS B37941K5102K070 Datasheet HTML 8Page - EPCOS B37941K5102K070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
3
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Features
High volumetric efficiency
Non-linear capacitance change
High insulation resistance
High pulse strength
To AEC-Q200
Applications
Blocking and coupling
Decoupling
Interference suppression
Termination
For soldering: Nickel barrier termination (Ni)
For conductive adhesion: Silver-palladium termination (AgPd) on request
Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard and blister tape (blister tape for chip thickness
³1.2 ±0.1 mm and case sizes ³1210),
180-mm and 330-mm reel available
Bulk case for case sizes 0603 (16 V, 25 V, 50 V) and 0805 (50 V)
Electrical data
Temperature characteristic
X7R
Max. relative capacitance change
within –55
°C to +125 °C
DC/C
±15
%
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
16, 25, 50, 100, 200, 500
VDC
Test voltage
Vtest
2.5 · VR/5 s
VDC
Capacitance range2) / E series
CR
100 pF … 1 µF (E3/E6)
Dissipation factor (limit value)
tan
d
< 25 · 10–3
< 35 · 10–3 for 16 V
Insulation resistance3) at + 25
°CRins
>105
M
W
Insulation resistance3) at +125
°CRins
>104
M
W
Time constant3) at + 25
°C
t
>1000
s
Time constant3) at +125
°C
t
>100
s
Operating temperature range
Top
–55 … +125
°C
Ageing4)
yes
1) Note: No operation on AC line.
3) For CR >10 nF the time constant t = C · Rins is given.
2) See also chapter “HighCV”.
4) Refer to chapter “General technical information”, “Ageing”.
Chip
X7R
Multilayer ceramic capacitors


Similar Part No. - B37941K5102K070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941K5102K070 EPCOS-B37941K5102K070 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37941K5102K070

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com