Electronic Components Datasheet Search |
|
MLK1005S2N4T Datasheet(PDF) 3 Page - TDK Electronics |
|
MLK1005S2N4T Datasheet(HTML) 3 Page - TDK Electronics |
3 / 15 page (2/14) INDUC T O RS 001-01 / 20130707 / inductor_high-frequency_mlk_en.fm • All specifications are subject to change without notice. Inductors for High Frequency Circuits Multilayer Ceramic FEATURES With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained, while the decrease of Q in the GHz band is limited. Monolithic structure is formed using a multilayering and sintering process with ceramic and conductive materials for high-frequency. There is no directivity. APPLICATION Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners, automotive equipment (MLK1005) and other high frequency circuits for the mobile communication industry PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of the MLK Series MLK 0603 L 1N1 J T □□□ Series name L×W×H Dimensions Characteristics Inductance Inductance tolerance Packaging style Internal code (mm) (μH) 0603 0.6×0.3×0.3 L 1N1 1.1 S ±0.3nH T Taping 1005 1.0×0.5×0.5 S 11N 11 J ±5% R10 100 Type Temperature range Package quantity Individual weight Operating temperature Storage temperature (°C) (°C) (pieces/reel) (mg) MLK0603 –55 to +125 –55 to +125 15000 0.2 MLK1005 –55 to +125 –55 to +125 10000 1 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - MLK1005S2N4T |
|
Similar Description - MLK1005S2N4T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |