Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLK1005S7N5T Datasheet(PDF) 7 Page - TDK Electronics

Part # MLK1005S7N5T
Description  Inductors for High Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005S7N5T Datasheet(HTML) 7 Page - TDK Electronics

Back Button MLK1005S7N5T Datasheet HTML 3Page - TDK Electronics MLK1005S7N5T Datasheet HTML 4Page - TDK Electronics MLK1005S7N5T Datasheet HTML 5Page - TDK Electronics MLK1005S7N5T Datasheet HTML 6Page - TDK Electronics MLK1005S7N5T Datasheet HTML 7Page - TDK Electronics MLK1005S7N5T Datasheet HTML 8Page - TDK Electronics MLK1005S7N5T Datasheet HTML 9Page - TDK Electronics MLK1005S7N5T Datasheet HTML 10Page - TDK Electronics MLK1005S7N5T Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(6/14)
INDUC
T
O
RS
001-01 / 20130707 / inductor_high-frequency_mlk_en.fm
• All specifications are subject to change without notice.
MLK series 
MLK0603 Type
ELECTRICAL CHARACTERISTICS
L, Q FREQUENCY CHARACTERISTICS TABLE
The " □□□ " of the Part Number contains the internal code.
○ Measurement equipment
* Equivalent measurement equipment may be used.
L(nH)typ.
Q typ.
Part No.*
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
500MHz
800MHz
1.8GHz
2.0GHz
2.4GHz
0.9
0.9
0.9
0.9
0.9
10
12
19
20
22
MLK0603L1N0ST
□□□
1.0
1.0
0.9
0.9
0.9
9
11
17
18
20
MLK0603L1N1ST
□□□
1.1
1.0
1.0
1.0
1.0
9
12
18
19
21
MLK0603L1N2ST
□□□
1.2
1.1
1.1
1.1
1.1
9
12
18
19
21
MLK0603L1N3ST
□□□
1.3
1.3
1.3
1.3
1.3
9
12
18
19
21
MLK0603L1N5ST
□□□
1.4
1.4
1.4
1.4
1.4
9
12
18
19
21
MLK0603L1N6ST
□□□
1.6
1.6
1.6
1.6
1.6
9
11
17
18
20
MLK0603L1N8ST
□□□
1.8
1.7
1.7
1.7
1.7
9
12
17
18
20
MLK0603L2N0ST
□□□
2.0
1.9
1.9
1.9
2.0
10
12
19
20
22
MLK0603L2N2ST
□□□
2.1
2.1
2.1
2.1
2.1
9
12
18
19
20
MLK0603L2N4ST
□□□
2.4
2.4
2.4
2.4
2.4
10
13
19
20
22
MLK0603L2N7ST
□□□
2.7
2.6
2.6
2.6
2.7
9
12
18
19
21
MLK0603L3N0ST
□□□
3.0
2.9
2.9
3.0
3.0
10
13
19
20
22
MLK0603L3N3ST
□□□
3.2
3.1
3.1
3.1
3.2
9
11
17
18
19
MLK0603L3N6ST
□□□
3.5
3.4
3.5
3.5
3.5
10
13
19
20
22
MLK0603L3N9ST
□□□
3.8
3.8
3.8
3.8
3.9
10
12
18
19
20
MLK0603L4N3ST
□□□
4.2
4.2
4.2
4.2
4.3
10
13
19
20
22
MLK0603L4N7ST
□□□
4.6
4.5
4.5
4.6
4.7
10
12
18
19
21
MLK0603L5N1ST
□□□
5.0
5.0
5.0
5.0
5.1
10
12
18
19
21
MLK0603L5N6ST
□□□
5.5
5.5
5.5
5.6
5.7
10
12
18
19
20
MLK0603L6N2ST
□□□
6.2
6.1
6.2
6.2
6.4
10
13
19
20
22
MLK0603L6N8JT
□□□
6.7
6.6
6.7
6.8
7.0
10
12
18
19
20
MLK0603L7N5JT
□□□
7.4
7.3
7.5
7.6
7.8
10
13
19
20
21
MLK0603L8N2JT
□□□
8.2
8.1
8.3
8.4
8.6
10
12
18
18
20
MLK0603L9N1JT
□□□
9.0
8.9
9.2
9.3
9.6
10
13
18
19
20
MLK0603L10NJT
□□□
10.8
10.6
11.0
11.2
11.6
10
12
18
18
20
MLK0603L12NJT
□□□
13.5
13.4
13.9
14.2
14.8
10
12
17
18
19
MLK0603L15NJT
□□□
16.2
16.1
17.0
17.4
18.4
10
12
16
17
18
MLK0603L18NJT
□□□
19.8
19.7
20.9
21.5
22.8
10
12
16
16
17
MLK0603L22NJT
□□□
24.4
24.4
27.2
28.6
31.7
10
12
15
15
14
MLK0603L27NJT
□□□
29.7
29.7
33.4
35.1
39.3
9
11
14
14
13
MLK0603L33NJT
□□□
Product No.
Manufacturer
4291B+16197A
Agilent Technologies


Similar Part No. - MLK1005S7N5T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005S7N5JT000 TDK-MLK1005S7N5JT000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005S7N5JT000 TDK-MLK1005S7N5JT000 Datasheet
128Kb / 3P
   Inductors (Coils)
MLK1005S7N5JTD25 TDK-MLK1005S7N5JTD25 Datasheet
209Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005S7N5T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com