Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4006 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # SM4006
Description  1.0AMP. Surface Mount Glass Passivated Silicon Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SM4006 Datasheet(HTML) 1 Page - Kingtronics International Company

  SM4006 Datasheet HTML 1Page - Kingtronics International Company SM4006 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
SM4001 THRU SM4007
1.0AMP. Surface Mount Glass Passivated Silicon Rectifiers
Voltage Range 50 to 1000 Volts
Current 1.0 Amperes
FEATURES
Plastic package has carries underwriters
Laboratory flammability classification 94V-0
Surge overload rating to 30 Ampers peak
Ideal for printed circuit board.
Reliable low cost construction utilizing molded
plastic technique results in in-expensive product.
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Mechanical Data
Solderability per MIL-STD-750, method 208 at terminals.
Mounting position: Any
Weight: 0.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave,60Hz,resistiver or inductive load.
For capactitive load, derate current by 20%
Type Number
SYMBOL
SM4001
SM4002
SM4003
SM4004
SM4005
SM4006
SM4007
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 75℃
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage @1.0A
VF
1.1
V
Maximum DC Reverse Current
@ TA=25℃
at rated DC blocking voltage
@ TA=125℃
IR
5.0
100
μ
A
Typical Thermal Resistance
(Note )
RθJA
50
/W
Operating Temperature Range
TJ
-65 to + 150
Storage Temperature Range
TSTG
-65 to + 150
Dimensions in in inches and (millimeters)
MELF
NOTE:Thermal Resistance from Junction to case. Mount on 0.2”x 0.2”Cu-pad on P.C.B.


Similar Part No. - SM4006

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4006 RECTRON-SM4006 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4006 BILIN-SM4006 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
SM4006 DIOTEC-SM4006 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4006 BYTES-SM4006 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4006 UNIOHM-SM4006 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SM4006

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
Rectron Semiconductor
FM201C RECTRON-FM201C Datasheet
30Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FM301 RECTRON-FM301 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FM4001 RECTRON-FM4001_09 Datasheet
460Kb / 9P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SM4001 RECTRON-SM4001_07 Datasheet
303Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001C RECTRON-FM4001C Datasheet
30Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SM4001 RECTRON-SM4001 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com