Electronic Components Datasheet Search |
|
C1005C0G1H180J Datasheet(PDF) 7 Page - TDK Electronics |
|
C1005C0G1H180J Datasheet(HTML) 7 Page - TDK Electronics |
7 / 7 page • All specifications are subject to change without notice. (7/7) 001-02 / 20030313 / e4112_c1005.fm Ceramic Capacitors C Series For General Use SMD C3216 (EIA:CC1206) TYPE SHAPES AND DIMENSIONS CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C) RATED VOLTAGE Edc: 50V CAPACITANCE RANGES:CLASS 2 TEMPERATURE CHARACTERISTICS: X7R(±15%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V TEMPERATURE CHARACTERISTICS: X5R(±15%) RATED VOLTAGE Edc: 16V RATED VOLTAGE Edc: 6.3V TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%) RATED VOLTAGE Edc: 50V RATED VOLTAGE Edc: 25V RATED VOLTAGE Edc: 16V RATED VOLTAGE Edc: 10V Capacitance (pF) Tolerance Thickness (mm) Part No. 3900 ±5% 0.6±0.15 C3216C0G1H392J 4700 ±5% 0.6±0.15 C3216C0G1H472J 5600 ±5% 0.6±0.15 C3216C0G1H562J 6800 ±5% 0.6±0.15 C3216C0G1H682J 8200 ±5% 0.85±0.15 C3216C0G1H822J 10000 ±5% 0.85±0.15 C3216C0G1H103J 15000 ±5% 1.15±0.15 C3216C0G1H153J 22000 ±5% 1.15±0.15 C3216C0G1H223J 33000 ±5% 1.6±0.2 C3216C0G1H333J Capacitance (pF) Tolerance Thickness (mm) Part No. 470000 ±10% 1.6±0.2 C3216X7R1H474K ±20% 1.6±0.2 C3216X7R1H474M Capacitance (pF) Tolerance Thickness (mm) Part No. 680000 ±10% 1.6±0.2 C3216X7R1E684K ±20% 1.6±0.2 C3216X7R1E684M 1000000 [1µF] ±10% 1.6±0.2 C3216X7R1E105K ±20% 1.6±0.2 C3216X7R1E105M 1500000 [1.5µF] ±10% 1.6±0.2 C3216X7R1E155K ±20% 1.6±0.2 C3216X7R1E155M 2200000 [2.2µF] ±10% 1.6±0.2 C3216X7R1E225K ±20% 1.6±0.2 C3216X7R1E225M Dimensions in mm T(Thickness) 0.6±0.1 0.85±0.15 1.15± 0.15 1.3± 0.2 1.6±0.2 0.2min. +0.3 –0.1 3.2 ± 0.2 (3.2 )∗ +0.3 –0.1 (1.6 )∗ ∗ Figures within ( ) shows dimensions for C3216X5R0J106K, M. Capacitance (pF) Tolerance Thickness (mm) Part No. 3300000 [3.3µF] ±10% 1.6±0.2 C3216X5R1C335K ±20% 1.6±0.2 C3216X5R1C335M Capacitance (pF) Tolerance Thickness (mm) Part No. 6800000 [6.8µF] ±10% 1.6±0.2 C3216X5R0J685K ±20% 1.6±0.2 C3216X5R0J685M 10000000 ±10% 1.6 C3216X5R0J106K [10µF] ±20% 1.6 C3216X5R0J106M Capacitance (pF) Tolerance Thickness (mm) Part No. 2200000 [2.2µF] +80, –20% 1.15±0.15 C3216Y5V1H225Z Capacitance (pF) Tolerance Thickness (mm) Part No. 4700000 [4.7µF] +80, –20% 1.15±0.15 C3216Y5V1E475Z Capacitance (pF) Tolerance Thickness (mm) Part No. 10000000 [10µF] +80, –20% 1.6±0.2 C3216Y5V1C106Z Capacitance (pF) Tolerance Thickness (mm) Part No. 22000000 [22µF] +80, –20% 1.6±0.2 C3216Y5V1A226Z +0.3 –0.1 +0.3 –0.1 • For more information about products with other capacitance or other data, please contact us. |
Similar Part No. - C1005C0G1H180J |
|
Similar Description - C1005C0G1H180J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |