Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV293 Datasheet(PDF) 1 Page - Zhaoxingwei Electronics ., Ltd

Part # 1SV293
Description  Silicon Epitaxial Planar Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

1SV293 Datasheet(HTML) 1 Page - Zhaoxingwei Electronics ., Ltd

  1SV293 Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon Epitaxial Planar Diode
1SV293
Features
Ultra Low Series Resistance: rs = 0.26
(Typ.)
Useful for small size Set
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
10
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55to+125
Electrical C haracteristics T a = 25
P aram eter
S ym bol
C onditions
M in
Typ
M ax
U nit
R everse V oltage
V R
IR =1
A
10
V
R everse C urrent
IR
V R =10 V
3
nA
C 1V
f= 1 M H z;V R =1 V
18
20
C 4V
f= 1 M H z;V R = 4 V
10.1
11.6
C apacitance R atio
C 1V/C 4V
1.55
S eries R esistance
rs
V R = 1V ,f= 470 M H z
0.26
0.4
C apacitance
pF
Marking
Marking
TH


Similar Part No. - 1SV293

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV293 TOSHIBA-1SV293 Datasheet
73Kb / 1P
   VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
1SV293 TOSHIBA-1SV293 Datasheet
103Kb / 2P
   VCO for UHF Band Radio
logo
Guangdong Kexin Industr...
1SV293 KEXIN-1SV293 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV293 TOSHIBA-1SV293_07 Datasheet
103Kb / 2P
   VCO for UHF Band Radio
More results

Similar Description - 1SV293

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com