Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLK1005SR10T Datasheet(PDF) 9 Page - TDK Electronics

Part # MLK1005SR10T
Description  Inductors for High Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLK1005SR10T Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLK1005SR10T Datasheet HTML 5Page - TDK Electronics MLK1005SR10T Datasheet HTML 6Page - TDK Electronics MLK1005SR10T Datasheet HTML 7Page - TDK Electronics MLK1005SR10T Datasheet HTML 8Page - TDK Electronics MLK1005SR10T Datasheet HTML 9Page - TDK Electronics MLK1005SR10T Datasheet HTML 10Page - TDK Electronics MLK1005SR10T Datasheet HTML 11Page - TDK Electronics MLK1005SR10T Datasheet HTML 12Page - TDK Electronics MLK1005SR10T Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
(8/14)
INDUC
T
O
RS
001-01 / 20130707 / inductor_high-frequency_mlk_en.fm
• All specifications are subject to change without notice.
MLK series 
MLK0603 Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH (EXAMPLE)
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
10
100
1000
10000
Frequency(MHz)
33N
27N
22N
18N
15N
12N
10N
8N2
4N7
3N3
1N2
1N0
3N9
2N7
2N2
1N5
6N8
5N6
1N8
Product No.
Manufacturer
E4991A+16197A
Agilent Technologies


Similar Part No. - MLK1005SR10T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLK1005SR10JT TDK-MLK1005SR10JT Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MLK1005SR10JT000 TDK-MLK1005SR10JT000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
MLK1005SR10JT000 TDK-MLK1005SR10JT000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLK1005SR10JTD25 TDK-MLK1005SR10JTD25 Datasheet
211Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLK1005SR10T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S36NJ TDK-MLG1005S36NJ Datasheet
3Mb / 24P
   Inductors for High Frequency
NLV25T-101J-PF TDK-NLV25T-101J-PF Datasheet
334Kb / 43P
   Inductors for High Frequency Circuits
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
MHQ-P TDK-MHQ-P Datasheet
158Kb / 17P
   Inductors for High Frequency Circuits
MLG0603P TDK-MLG0603P Datasheet
59Kb / 3P
   Inductors for High-frequency Circuits
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100512NJ-T TAIYO-YUDEN-HK100512NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK100556NJ-T TAIYO-YUDEN-HK100556NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com