Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERB21B5C2E820GDX1L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # ERB21B5C2E820GDX1L
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB21B5C2E820GDX1L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  ERB21B5C2E820GDX1L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB21B5C2E820GDX1L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Chip Structure
Capacitance Range
Inner Electrode (Pd)
Sn
Ni
Ag/Pd
Ceramics
Chip Dimensions
High Frequency ERB Series
Chip Capacitor
c
b
a
Land
Solder
Resist
L
T
W
e
e
g
Land Pattern Dimensions
Code
TC
Cap.Change
Operating Temp. Range
5C
C0G
0+/-30ppm/C
25 to 125C
Global Part Numbering
ER B 18 8 5C 2D 100 J DX5 B
Chip Dimensions
Series
EIA size
L
W
T max. e max. g min.
ERB18
0603
1.6+/-0.1
0.8+/-0.1
0.9
0.2
0.5
ERB21
0805
2.0+/-0.3
1.25+/-0.3
1.35
0.25
0.7
ERB32
1210
3.2+0.5/-0.4 2.5+0.5/-0.4
1.7
0.3
1.0
Flow Soldering
Series
a
b
c
ERB18
0.6 ~ 1.0
0.8 ~ 0.9
0.6 ~ 0.8
ERB21
1.0 ~ 1.2
0.9 ~ 1.0
0.8 ~ 1.1
Re-Flow Soldering
Series
a
b
c
ERB18
0.6 ~ 0.8
0.6 ~ 0.7
0.6 ~ 0.8
ERB21
1.0 ~ 1.2
0.6 ~ 0.7
0.8 ~ 1.1
ERB31
2.0 ~ 2.4
1.0 ~ 1.2
1.8 ~ 2.3
1pF
10pF
100pF
pF
ERB18
C0G
250V
0.5 to 100 pF
250V
0.5 to 100 pF
100V
110 to 130 pF
50V
150 to 160 pF
500V
0.5 to 120 pF
300V
130 to 150 pF
250V
160 to 220 pF
100V
240 to 470 pF
50V
510 to 1000 pF
Series
TC
WV
Capacitance Range
1000pF
ERB21
C0G
ERB32
C0G
Unit: mm
Inner Electrode (Pd)
Sn
Ni
Ag/Pd
Ceramics
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Ag/Pd)
Inner Electrode
(Pd)
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Data Sheet
Innovator in Electronics – 45
C-29-C
www .m
urata.com


Similar Part No. - ERB21B5C2E820GDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB21B5C2E820GDX1L MURATA1-ERB21B5C2E820GDX1L Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB21B5C2E820GDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com