Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18BD331SN1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BD331SN1
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BD331SN1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM18BD331SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM18BD331SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
TABLE OF CONTENTS continued
A. 7-3/4x5
B. 8x4x1
C. Soft Plastic Case
D. 4-3/4x4-3/4x3/4
Blue Binder with Sleeves
Blue Binder with Sleeves
Hard Plastic Box
Kit Part Number
Size
Description
Package Style
Style Code
Page
Microwave Connector Engineering Kits
M1KMM8130-SWF01
2.5x2.5x1.4mm
SWF Series Switch Connector
Hard plastic box
D
27
M1KMM8430-SWD01
3.3x3.0x1.75mm SWD Series Switch Connector
Hard plastic box
D
26
M1KMM4829-HSC01
2.0x2.0x0.6mm
HSC Series Ultra Small Cable Connector
Hard plastic box
D
26
EMI Filter Kits
EKEMBL03D
01005, 0201
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
27
EKEMBL15K
0402
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
27
EKEMBL18G
0603
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
27
EKEMBL8GA
0603
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
28
EKEMBL21D
0805, 1206,
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
28
1806
EKEMNFMCB
0603, 0805
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
28
EKEMFA31D
1206
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
28
EKEMFL18E
0603, 0805,
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
29
1206
EKEMFA20F
0603, 0805
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
29
EKEMNFMPH
0603, 0805
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
29
1206, 1806
EKEPBNX0A
Block Type EMI Filters
Soft plastic case
C
29
EXEPBLCKA
Block Type EMI Filters
Soft plastic case
C
29
EKEMDL21J
0805, 1206
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
29
EKEMDCC5B
5.0 x 5.0mm,
Surface Mount EMI Filters
8x4x1 blue binder with sleeves
B
29
5.0 x 3.6mm
Chip Inductor Kits
EKLMQ15SC
0402
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
30
EKLMQG18B
0603
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
30
EKLMQP02C
01005
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
30
EKLMQP03K
0201
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
31
EKLMQP15B
0402
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
31
EKLMQW04C
03015
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
31
EKLMQW15H
0402
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
32
EKLMQ18GB
0603
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
32
EKLMQ18JC
0603
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
32
EKLMQW21A
0805
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
33
EKLMQW2BB
0805
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
33
EKLMQM18B
0603
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
33
EKLMM21NB
0805
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
33
EKLMH32MC
1210
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
33
EKLMH43MB
1812
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
34
EKLMQM2PD
0805, 0806,
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
34
1008, 1206
EKLMH2MCF
0806
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
34
EKLMQH3PC
1210,1212
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
EKLMM18FB
0603, 0805
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
EKLMH32CC
1210
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
EKLMN43CC
1812
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
EKLMQH4PA
4.0x4.0mm
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
EKLMQH5PA
5.0x5.0mm
Surface Mount Inductors
8x4x1 blue binder with sleeves
B
35
Chip Thermistor Kits
NCKIT001
0201, 0402
Chip Thermistors
Soft plastic case
C
36
NCKIT002
0603
Chip Thermistors
Soft plastic case
C
36
NCKIT003
0201, 0402,
Chip Thermistors
Soft plastic case
C
36
0603
NCKIT0S1
0402, 0603
Chip Thermistors
Soft plastic case
C
36
PRKIT001
0402, 0603,
Chip Thermistors
Soft plastic case
C
37
0805
PRKIT0S1
0603, 0805
Chip Thermistors
Soft plastic case
C
37
NCPRKIT001
0402, 0603,
Chip Thermistors
Soft plastic case
C
37
0805


Similar Part No. - BLM18BD331SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BD331SN1 MURATA-BLM18BD331SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BD331SN1 MURATA-BLM18BD331SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18BD331SN1 MURATA-BLM18BD331SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18BD331SN1 MURATA-BLM18BD331SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD331SN1 MURATA-BLM18BD331SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - BLM18BD331SN1

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com