Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C3V9 Datasheet(PDF) 4 Page - Kingtronics International Company

Part # BZX85C3V9
Description  BZX85C Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX85C3V9 Datasheet(HTML) 4 Page - Kingtronics International Company

  BZX85C3V9 Datasheet HTML 1Page - Kingtronics International Company BZX85C3V9 Datasheet HTML 2Page - Kingtronics International Company BZX85C3V9 Datasheet HTML 3Page - Kingtronics International Company BZX85C3V9 Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
4
BZX85C
Admissible power dissipation Versus ambient temperature
Valid provided that leads are kept at ambient
Temperature at a distance of 10 mm from case
Dynamic resistance versus Zener current
Dynamic resistance versus Zener current
Pulse thermal resistance versus pulse duration
Valid provided that leads are kept at ambient
Temperature at a distance of 10 mm from case
Thermal resistance versus lead length
Dynamic resistance versus Zener current
Note: Specifications are subject to change without notice.


Similar Part No. - BZX85C3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C3V9 VISHAY-BZX85C3V9 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C3V9 TSC-BZX85C3V9 Datasheet
544Kb / 4P
   1.3 Watts Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C3V9 NJSEMI-BZX85C3V9 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C3V9 FAIRCHILD-BZX85C3V9 Datasheet
49Kb / 3P
   Zeners
logo
Rectron Semiconductor
BZX85C3V9 RECTRON-BZX85C3V9 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
More results

Similar Description - BZX85C3V9

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com