Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C9V1 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # BZX55C9V1
Description  BZX55C Silicon Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX55C9V1 Datasheet(HTML) 2 Page - Kingtronics International Company

  BZX55C9V1 Datasheet HTML 1Page - Kingtronics International Company BZX55C9V1 Datasheet HTML 2Page - Kingtronics International Company BZX55C9V1 Datasheet HTML 3Page - Kingtronics International Company BZX55C9V1 Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
BZX55C
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
Ta = 25℃
Ta = 125℃
IR at VR
Temp. Coefficient
of Zener Voltage
TYPE
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
BZX55C0V8 2)
0.8
0.73...0.83
5
8
50
1
-
-
-
-0.26...-0.23
BZX55C2V0
2
1.8…2.15
5
85
600
1
100
200
1
-0.09…-0.06
BZX55C2V2
2.2
2.08…2.33
5
85
600
1
75
160
1
-0.09…-0.06
BZX55C2V4
2.4
2.28…2.56
5
85
600
1
50
100
1
-0.09…-0.06
BZX55C2V7
2.7
2.5…2.9
5
85
600
1
10
50
1
-0.09…-0.06
BZX55C3V0
3
2.8…3.2
5
85
600
1
4
40
1
-0.08…-0.05
BZX55C3V3
3.3
3.1…3.5
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C3V6
3.6
3.4…3.8
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C3V9
3.9
3.7…4.1
5
85
600
1
2
40
1
-0.08…-0.05
BZX55C4V3
4.3
4…4.6
5
75
600
1
1
20
1
-0.06…-0.03
BZX55C4V7
4.7
4.4…5
5
60
600
1
0.5
10
1
-0.05…+0.02
BZX55C5V1
5.1
4.8…5.4
5
35
550
1
0.1
2
1
-0.02…+0.02
BZX55C5V6
5.6
5.2…6
5
25
450
1
0.1
2
1
-0.05…+0.05
BZX55C6V2
6.2
5.8…6.6
5
10
200
1
0.1
2
2
0.03…0.06
BZX55C6V8
6.8
6.4…7.2
5
8
150
1
0.1
2
3
0.03…0.07
BZX55C7V5
7.5
7…7.9
5
7
50
1
0.1
2
5
0.03…0.07
BZX55C8V2
8.2
7.7…7.8
5
7
50
1
0.1
2
6.2
0.03…0.08
BZX55C9V1
9.1
8.5…9.6
5
10
50
1
0.1
2
6.8
0.03…0.09
BZX55C10
10
9.4…10.6
5
15
70
1
0.1
2
7.5
0.03…0.1
BZX55C11
11
10.4…11.6
5
20
70
1
0.1
2
8.2
0.03…0.11
BZX55C12
12
11.4…12.7
5
20
90
1
0.1
2
9.1
0.03…0.11
BZX55C13
13
12.4…14.1
5
26
110
1
0.1
2
10
0.03…0.11
BZX55C15
15
13.8…15.6
5
30
110
1
0.1
2
11
0.03…0.11
BZX55C16
16
15.3…17.1
5
40
170
1
0.1
2
12
0.03…0.11
BZX55C18
18
16.8…19.1
5
50
170
1
0.1
2
13
0.03…0.11
BZX55C20
20
18.8…21.2
5
55
220
1
0.1
2
15
0.04…0.12
BZX55C22
22
20.8…23.3
5
55
220
1
0.1
2
16
0.04…0.12
BZX55C24
24
22.8…25.6
5
80
220
1
0.1
2
18
0.04…0.12
BZX55C27
27
25.1…28.9
5
80
220
1
0.1
2
20
0.04…0.12
BZX55C30
30
28…32
5
80
220
1
0.1
2
22
0.04…0.12
BZX55C33
33
31…35
5
80
220
1
0.1
2
24
0.04…0.12
BZX55C36
36
34…38
5
80
220
1
0.1
2
27
0.04…0.12
BZX55C39
39
37…41
2.5
90
500
0.5
0.1
5
30
0.04…0.12
BZX55C43
43
40…46
2.5
90
500
0.5
0.1
5
33
0.04…0.12


Similar Part No. - BZX55C9V1

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZX55C9V1 SUNMATE-BZX55C9V1 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C9V1 VISHAY-BZX55C9V1 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Yangzhou yangjie electr...
BZX55C9V1 YANGJIE-BZX55C9V1 Datasheet
196Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZX55C9V1 VISHAY-BZX55C9V1 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Fairchild Semiconductor
BZX55C9V1 FAIRCHILD-BZX55C9V1 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Similar Description - BZX55C9V1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com