Selected language     English  ▼


W005 Datasheet(PDF) 2 Page - Kingtronics International Company

Part No. W005
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 
 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
DB103G
200
1.0
60
1.0
1.1
10
500
40
-55~+150
DB
DB104G
400
1.0
60
1.0
1.1
10
500
40
-55~+150
DB
DB105G
600
1.0
60
1.0
1.1
10
500
40
-55~+150
DB
DB106G
800
1.0
60
1.0
1.1
10
500
40
-55~+150
DB
DB107G
1000
1.0
60
1.0
1.1
10
500
40
-55~+150
DB
DB151
50
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB152
100
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB153
200
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB154
400
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB155
600
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB156
800
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB157
1000
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DB
DB151S
50
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB152S
100
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB153S
200
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB154S
400
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB155S
600
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB156S
800
1.5
60
1.5
1.1
5.0
5001)
40
-55~+150
DBS
DB157S
1000
1.5
60
1.5
1.1
5.0
500
40
-55~+150
DBS
W005
50
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W01
100
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W02
200
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W04
400
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W06
600
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W08
800
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
W10
1000
1.0
30
1.5
1.0
10
500
36
-55~+125
WOB
RB151
50
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB152
100
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB153
200
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB154
400
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB155
600
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
Note:1)TA=125℃
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl