Selected language     English  ▼


W005 Datasheet(PDF) 3 Page - Kingtronics International Company

Part No. W005
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 
 3 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
RB156
800
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB157
1000
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
2W005
50
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W01
100
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W02
200
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W04
400
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W06
600
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W08
800
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W10
1000
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
KBP2005
50
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP201
100
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP202
200
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP204
400
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP206
600
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP208
800
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP210
1000
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP2005G
50
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP201G
100
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP202G
200
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP204G
400
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP206G
600
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP208G
800
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP210G
1000
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP3005
50
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP301
100
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP302
200
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP304
400
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP306
600
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP308
800
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP310
1000
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBL4005
50
4.0
120
2.0/4.0
1.0/1.1
10
500
2.4
-55~+150
KBL
Note:1)TA=125℃
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl