Selected language     English  ▼


W01 Datasheet(PDF) 4 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 
 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
4
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
KBL401
100
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL402
200
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL404
400
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL406
600
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL408
800
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL410
1000
4.0
120
2.0/4.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL6005
50
6.0
135
3.0/6.0
1.0/1.1
10
5002)
2.4
-55~+150
KBL
KBL601
100
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBL602
200
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBL604
400
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBL606
600
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBL608
800
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBL610
1000
6.0
135
3.0/6.0
1.0/1.1
10
500
2.4
-55~+150
KBL
KBU4005
50
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU401
100
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU402
200
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU404
400
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU406
600
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU408
800
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU410
1000
4.0
135
2.0/4.0
1.0/1.1
10
500
4.0
-55~+150
KBU
KBU6005
50
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU601
100
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU602
200
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU604
400
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU606
600
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU608
800
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU610
1000
6.0
135
3.0/6.0
1.0/1.1
10
500
3.1
-55~+150
KBU
KBU8005
50
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU801
100
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU802
200
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU804
400
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
Note:1)TA=125℃
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl