Selected language     English  ▼


W01 Datasheet(PDF) 5 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 
 5 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
5
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
KBU806
600
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU808
800
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU810
1000
8.0
135
4.0/8.0
1.0/1.1
10
500
3.0
-55~+150
KBU
KBU10005
50
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1001
100
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1002
200
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1004
400
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1006
600
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1008
800
10.0
150
5.0/10
1.0/1.1
10
500
2.2
-55~+150
KBU
KBU1010
1000
10.0
150
5.0/10
1.0/1.1
10
5001)
2.2
-55~+150
KBU
KBU15005
50
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1501
100
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1502
200
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1504
400
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1506
600
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1508
800
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU1510
1000
15.0
200
7.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU25005
50
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2501
100
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2502
200
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2504
400
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2506
600
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2508
800
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
KBU2510
1000
25.0
300
12.5
1.1
10
5001)
3.0
-55~+150
KBU
GBP2005
50
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP201
100
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP202
200
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP204
400
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP206
600
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP208
800
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
GBP210
1000
2.0
50
2.0
1.1
10
500
8.0
-55~+150
GBP
Note:1)TA=125℃
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl