Selected language     English  ▼


W01 Datasheet(PDF) 7 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 7 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
7
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
D4BU60
600
4.0
120
4.0
1.1
5.0
500
15
-55~+150
D3K
D4BU80
800
4.0
120
4.0
1.1
5.0
500
15
-55~+150
D3K
D4BU100
1000
4.0
120
4.0
1.1
5.0
500
15
-55~+150
D3K
GBU4005
50
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU401
100
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU402
200
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU404
400
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU406
600
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU408
800
4.0
120
2.0/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU410
1000
4.0
120
20/4.0
1.0/1.1
5.0
500
4.0
-55~+150
GBU
GBU6005
50
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU601
100
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU602
200
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU604
400
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU606
600
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU608
800
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU610
1000
6.0
135
3.0/6.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU8005
50
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU801
100
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU802
200
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU804
400
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU806
600
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU808
800
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU810
1000
8.0
150
4.0/8.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU10005
50
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1001
100
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1002
200
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1004
400
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1006
600
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1008
800
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU1010
1000
10.0
150
5.0/10.0
1.0/1.1
5.0
500
2.0
-55~+150
GBU
GBU15005
50
15.0
200
7.5
1.1
5.0
500
2.2
-55~+150
GBU
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl