Selected language     English  ▼


W01 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 
 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
ABS2
200
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS4
400
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS6
600
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS8
800
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
ABS10
1000
0.8/1.0
30
0.4
0.95
10
150
62.5
-55~+150
ABS
MB2S
200
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB4S
400
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB6S
600
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB8S
800
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MB10S
1000
0.5/0.8
30
0.4
1.0
5.0
1001)
85
-55~+150
MBS
MBSK12S
20
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MBSK13S
30
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MBSK14S
40
1.0
30
1.0
0.55
400
1000
26
-55~+150
MBS
MB2M
200
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB4M
400
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB6M
600
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB8M
800
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
MB10M
1000
0.5/0.8
35
0.4
1.0
5.0
1001)
85
-55~+150
MBM
DB101/DF005
50
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB102/DF01
100
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB103/DF02
200
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB104/DF04
400
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB105/DF06
600
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB106/DF08
800
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB107/DF10
1000
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DB
DB101S/DF005S
50
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB102S/DF01S
100
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB103S/DF02S
200
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB104S/DF04S
400
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB105S/DF06S
600
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
DB106S/DF08S
800
1.0
35
1.0
1.1
10
5001)
40
-55~+150
DBS
Note:1)TA=125℃
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl