Selected language     English  ▼


W01 Datasheet(PDF) 10 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 10 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
10
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
GBJ2502
200
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ2504
400
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ2506
600
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ2508
800
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ2510
1000
25.0
240
12.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ35005
50
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3501
100
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3502
200
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3504
400
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3506
600
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3508
800
35.0
260
17.5
1.1
5.0
500
0.6
-55~+150
KBJ6
GBJ3510
1000
35.0
260
17.5
1.0/1.1
5.0
500
0.6
-55~+150
KBJ6
KBPC1005
50
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC101
100
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC102
200
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC104
400
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC106
600
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC108
800
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC110
1000
3.0
50
1.5/3.0
1.0/1.1
10.0
500
0.6
-55~+150
KBPC1
KBPC6005
50
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC601
100
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC602
200
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC604
400
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC606
600
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC608
800
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC610
1000
6.0
150
3.0/6.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC6
KBPC8005
50
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC801
100
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC802
200
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC804
400
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC806
600
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC808
800
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl