Selected language     English  ▼


W01 Datasheet(PDF) 11 Page - Kingtronics International Company

Part No. W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo 

 11 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
11
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
KBPC810
1000
8.0
150
4.0/8.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC10005
50
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1001
100
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1002
200
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1004
400
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1006
600
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1008
800
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC1010
1000
10.0
150
5.0/10.0
1.0/1.1
5.0
500
1.5
-55~+125
KBPC8
KBPC15005
50
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1501
100
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1502
200
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1504
400
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1506
600
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1508
800
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC1510
1000
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC25005
50
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2501
100
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2502
200
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2504
400
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2506
600
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2508
800
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC2510
1000
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC35005
50
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3501
100
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3502
200
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3504
400
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3506
600
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3508
800
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC3510
1000
35.0
400
17.5
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC50005
50
50.0
500
25
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC5001
100
50.0
500
25
1.1
5.0
500
1.5
-55~+125
KBPC25
KBPC5002
200
50.0
500
25
1.1
5.0
500
1.5
-55~+125
KBPC25
Note: Specifications are subject to change without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl