Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT Datasheet(PDF) 1 Page - Kingtronics International Company

Part # MKT
Description  Radial Multilayer Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MKT Datasheet(HTML) 1 Page - Kingtronics International Company

  MKT Datasheet HTML 1Page - Kingtronics International Company MKT Datasheet HTML 2Page - Kingtronics International Company MKT Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
MKT
Radial Multilayer Ceramic Capacitors
NPO
X7R
Y5V
Operating Temperature
-55℃~+125℃
-55℃~+125℃
-25℃~+85℃
Size Code
Shape
Dimensions (mm)
voltage
Capacitance(pF)
F
(±0.5)
H
(±1)
Lmax
Wmax
Tmax
NPO
X7R
Y5V
0805
a
b
C1
C2
C3
2.54
2.54
5.08
5.08
5.08
5.0
10.0
5.0/10.0
5.0
5.0/10.0
4.2
3.8
3.8
25V
50V
100V
0R5~332
0R5~222
0R5~102
331~104
331~104
331~104
103~105
103~684
1206
a
b
C1
2.54
3.50
5.08
10.0
5.0
4.5
3.8
25V
50V
100V
0R5~682
0R5~472
0R5~392
102~224
102~104
102~105
103~125
103~105
1210
b
C1
3.50
5.08
10.0
7.6
5.5
3.8
25V
50V
100V
0R5~103
0R5~472
0R5~392
102~334
102~224
102~105
104~155
1812
b
4.57
10.0
8.5
8.5
3.8
25V
50V
100V
561~103
561~682
561~472
103~474
103~334
103~105
154~335
2225
b
5.50
10.0
10.5
9.5
4.2
25V
50V
100V
102~223
102~223
102~103
103~105
103~105
103~474
684~475
3035
b
7.50
10.0
12.5
10.5
4.2
25V
50V
100V
102~104
102~473
102~333
103~225
103~205
103~105
105~106
105~685
*Lead spacing determined by customer requirements.


Similar Part No. - MKT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
logo
Schurter Inc.
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT Datasheet
219Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT Datasheet
289Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
logo
National Semiconductor ...
MKT-D14D NSC-MKT-D14D Datasheet
60Kb / 1P
   DIP, SIDEBRAZED CERAMIC 14 LEAD
More results

Similar Description - MKT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Kemet Corporation
C322C223K1R5TA KEMET-C322C223K1R5TA Datasheet
917Kb / 17P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C410C220J1G5TA7200 KEMET-C410C220J1G5TA7200 Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C3225X7R1H475K KEMET-C3225X7R1H475K Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com