Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERB32Q5C2H121JDX1L Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # ERB32Q5C2H121JDX1L
Description  Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ERB32Q5C2H121JDX1L Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button ERB32Q5C2H121JDX1L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. ERB32Q5C2H121JDX1L Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Specifications and Test Methods
ERB Series
Item
Specifications
Test Method
Operating Temperature
55°C to 125°C
Reference Temperature: 25
Appearance
No defects or abnormalities.
Visual inspection.
Dimension
Within the specified dimensions.
Using calipers.
Dielectric Strength
No defects or abnormalities.
300%* of the rated voltage
*250V/300V: 250%, 500V: 200%
Insulation Resistance
1,000,000M min.(C 470pF)
100,000 M min. (C 470pF)
C: Nominal capacitance (pF)
DC voltage not exceeding the rated voltage at 25°C
and 75%RH max. and within 2 minutes of charging.
Q
C 220pF: Q 10,000
Frequency 1±0.1MHz
220pF C 470pF: Q 5,000
Voltage 1±0.2Vrms
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Adhesive Strength of
Termination
No removal of the terminations or other
defect should occur.
Solder the capacitor to the test jig (glass epoxy
board) then apply 10N force in parallel with the test
jig
for 10±1sec.
Vibration Resistance
Appearance: No defects or abnormalities.
Capacitance: Within the specified tolerance.
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Frequency range, from 10 to 55Hz and return to
10Hz, should be traversed in approximately 1 minute.
This motion should be applied for a period of 2 hours
in each of 3 mutually perpendicular directions total of
6
hours).
Deflection
No crack or marked defect should occur.
Flexure: 1mm
Solderability of Termination
95% of the terminations are to be soldered
evenly and continuously.
Immerse in eutectic solder solution for 5±0.5 seconds
at 245±5°C or Sn-3.0Ag-0.5Cu solder solution for
5±0.5 seconds at 245±5°C.
Resistance to Soldering Heat
Appearance: No marking defects
Capacitance Change: Within ±2.5% or
±0.25 pF (Whichever is larger)
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Immerse the capacitor in a eutectic solder solution or
Sn-3.0Ag-0.5Cu solder solution at 270±5°C for
10±0.5 seconds. Let sit at room temperature for
24±2 hours.
Temperature Cycle
Appearance: No marking defects
Capacitance Change: Within ±5% or
±0.5 pF (Whichever is larger)
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
55 to 125 Five cycles
Humidity Steady State
Appearance: No marking defects
Capacitance Change: Within ±5% or
±0.5pF (Whichever is larger)
C 30pF: Q 350
10pF C<30pF: Q 275+ 5°C/2°C 10pF:
Q 200+10C
C: Nominal capacitance (pF)
Apply the 24-hour heat (-10 to +65 ) and humidity
(80 to 100%) treatment, 10 consecutive times.
High Temperature Load
Appearance: No marking defects
Capacitance Change: Within ±3% or
±0.3pF (Whichever is larger)
C 30pF: Q 350
10pF C<30pF: Q 275+5°C/2°C
10pF: Q 200+10°C
C: Nominal capacitance (pF)
Apply 200% (500V only 150%) of the rated voltage
for 1000±12 hours at the maximum operating
temperature ±3°C.
Specifications and Test Methods
ERB Series
Item
Specifications
Test Method
Operating Temperature
55°C to 125°C
Reference Temperature: 25
Appearance
No defects or abnormalities.
Visual inspection.
Dimension
Within the specified dimensions.
Using calipers.
Dielectric Strength
No defects or abnormalities.
300%* of the rated voltage
*250V/300V: 250%, 500V: 200%
Insulation Resistance
1,000,000M min.(C 470pF)
100,000 M min. (C 470pF)
C: Nominal capacitance (pF)
DC voltage not exceeding the rated voltage at 25°C
and 75%RH max. and within 2 minutes of charging.
Q
C 220pF: Q 10,000
Frequency 1±0.1MHz
220pF C 470pF: Q 5,000
Voltage 1±0.2Vrms
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Adhesive Strength of
Termination
No removal of the terminations or other
defect should occur.
Solder the capacitor to the test jig (glass epoxy
board) then apply 10N force in parallel with the test
jig
for 10±1sec.
Vibration Resistance
Appearance: No defects or abnormalities.
Capacitance: Within the specified tolerance.
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Frequency range, from 10 to 55Hz and return to
10Hz, should be traversed in approximately 1 minute.
This motion should be applied for a period of 2 hours
in each of 3 mutually perpendicular directions total of
6
hours).
Deflection
No crack or marked defect should occur.
Flexure: 1mm
Solderability of Termination
95% of the terminations are to be soldered
evenly and continuously.
Immerse in eutectic solder solution for 5±0.5 seconds
at 245±5°C or Sn-3.0Ag-0.5Cu solder solution for
5±0.5 seconds at 245±5°C.
Resistance to Soldering Heat
Appearance: No marking defects
Capacitance Change: Within ±2.5% or
±0.25 pF (Whichever is larger)
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
Immerse the capacitor in a eutectic solder solution or
Sn-3.0Ag-0.5Cu solder solution at 270±5°C for
10±0.5 seconds. Let sit at room temperature for
24±2 hours.
Temperature Cycle
Appearance: No marking defects
Capacitance Change: Within ±5% or
±0.5 pF (Whichever is larger)
C 220pF: Q 10,000
220pF C 470pF: Q 5,000
470pF C 1000pF: Q 3,000
C: Nominal capacitance (pF)
55 to 125 Five cycles
Humidity Steady State
Appearance: No marking defects
Capacitance Change: Within ±5% or
±0.5pF (Whichever is larger)
C 30pF: Q 350
10pF C<30pF: Q 275+ 5°C/2°C 10pF:
Q 200+10C
C: Nominal capacitance (pF)
Apply the 24-hour heat (-10 to +65 ) and humidity
(80 to 100%) treatment, 10 consecutive times.
High Temperature Load
Appearance: No marking defects
Capacitance Change: Within ±3% or
±0.3pF (Whichever is larger)
C 30pF: Q 350
10pF C<30pF: Q 275+5°C/2°C
10pF: Q 200+10°C
C: Nominal capacitance (pF)
Apply 200% (500V only 150%) of the rated voltage
for 1000±12 hours at the maximum operating
temperature ±3°C.
Specifications and Test Methods
The temperature coefficient is determined using the
capacitance measured in step 3 as a reference.
When cycling the temperature sequentially from
step 1 through 5 the capacitance should be within
the specified tolerance for the temperature coefficient
and capacitance change as in Table A-1. The
capacitance drift is calculated by dividing the
differences between the maximum and minimum
measured values in steps 1, 3 and 5 by the cap.
value in step 3.
Capacitance Change:
Within the specified tolerance. (Table A-1)
Temperature Coefficent:
Within the specified tolerance. (Table A-1)
Capacitance Drift: Within ±0.2% or
±0.5pF (Whichever is larger)
Capacitance
Temperature
Characteristics
Step
Temperature (°C)
1
25±2
2
-55±3
3
25±2
4
125±3
5
25±2
Applic Ation Sp E ci F ic cA pA cit o RS
High Frequency Ceramic Capacitors
ERB Specifications and Test Methods
52 – Innovator in Electronics
C-29-C
www .m
urata.com


Similar Part No. - ERB32Q5C2H121JDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB32Q5C2H121JDX1L MURATA1-ERB32Q5C2H121JDX1L Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
More results

Similar Description - ERB32Q5C2H121JDX1L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
GQM1885C1H101JB01D MURATA-GQM1885C1H101JB01D Datasheet
1Mb / 30P
   Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
Johanson Technology Inc...
201R15C101JV4E JOHANSON-201R15C101JV4E Datasheet
393Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
logo
List of Unclassifed Man...
201R15C ETC1-201R15C Datasheet
172Kb / 5P
   C-SERIES HIGH FREQUENCY CHIP CAPACITORS
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com