Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6S Datasheet(PDF) 1 Page - Kingtronics International Company

Part # MB6S
Description  Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MB6S Datasheet(HTML) 1 Page - Kingtronics International Company

  MB6S Datasheet HTML 1Page - Kingtronics International Company MB6S Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
MB2S THRU MB10S
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 200 to 1000 Volts Current 0.8 Amperes
FEATURES
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260
/ 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
UL Recognized File number: E347214
MECHANICAL DATA
Case: Molded plastic
Lead: solder plated
Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
SYMBOLS
MB2S
MB4S
MB6S
MB8S
MB10S
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.5
0.8
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
35
A
Maximum Instantaneous Forward Voltage at 0.4A
VF
1.0
V
Maximum DC Reverse Current @ TA=25℃
Rated DC Blocking voltage per leg TA=125℃
IR
5.0
500
μA
Typical Thermal Resistance (Note1)
(Note2)
RθJA
RθJL
70
20
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Note:
1.On aluminum suvstrate P.C.B. with an area of 0.8×0.8”(20×20mm) mounted on 0.05×0.05”(1.3×1.3mm) solder pad.
2. Thermal Resistance from Junction to Case with units Mounted on 2.6×1.4×0.06”Thick(6.5×3.5×0.15cm)Al.Plate.


Similar Part No. - MB6S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB6S FAIRCHILD-MB6S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
logo
SHIKUES Electronics
MB6S SKTECHNOLGY-MB6S Datasheet
461Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotec Semiconductor
MB6S DIOTEC-MB6S Datasheet
132Kb / 2P
   Slim Profile Surface Mount Si-Bridge-Rectifiers
logo
RFE international
MB6S RFE-MB6S Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
Suntan Capacitors
MB6S SUNTAN-MB6S Datasheet
418Kb / 2P
   Ideal for printed circuit board
More results

Similar Description - MB6S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ABS2 SMC-ABS2 Datasheet
141Kb / 5P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2 Datasheet
55Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_1 Datasheet
167Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
D2UB05-THRU-D2UB100 KINGTRONICS-D2UB05-THRU-D2UB100_15 Datasheet
223Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210 Datasheet
505Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
DB101S-DB107S KINGTRONICS-DB101S-DB107S Datasheet
366Kb / 2P
   Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com